Electronic Components Datasheet Search
  English  ▼

X  

AFE5803ZCF Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5803ZCF
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5803ZCF Datasheet(HTML) 16 Page - Texas Instruments

Back Button AFE5803ZCF Datasheet HTML 12Page - Texas Instruments AFE5803ZCF Datasheet HTML 13Page - Texas Instruments AFE5803ZCF Datasheet HTML 14Page - Texas Instruments AFE5803ZCF Datasheet HTML 15Page - Texas Instruments AFE5803ZCF Datasheet HTML 16Page - Texas Instruments AFE5803ZCF Datasheet HTML 17Page - Texas Instruments AFE5803ZCF Datasheet HTML 18Page - Texas Instruments AFE5803ZCF Datasheet HTML 19Page - Texas Instruments AFE5803ZCF Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
−90
−80
−70
−60
−50
−40
12
18
24
30
36
42
Gain (dB)
Low noise
Low power
Medium power
−90
−80
−70
−60
−50
−40
12
18
24
30
36
42
Gain (dB)
Low noise
Low power
Medium power
−90
−85
−80
−75
−70
−65
−60
−55
−50
−45
−40
18
24
30
36
42
48
Gain (dB)
Low noise
Low power
Medium power
−90
−80
−70
−60
−50
−40
18
21
24
27
30
33
36
39
42
45
48
Gain (dB)
Low noise
Low power
Medium power
−70
−66
−62
−58
−54
−50
14
18
22
26
30
34
38
42
Gain (dB)
Fin1=2MHz, Fin2=2.01MHz
Fin1=5MHz, Fin2=5.01MHz
G001
−70
−66
−62
−58
−54
−50
14
18
22
26
30
34
38
42
Gain (dB)
Fin1=2MHz, Fin2=2.01MHz
Fin1=5MHz, Fin2=5.01MHz
G001
AFE5803
SLOS763A
– JANUARY 2012 – REVISED JANUARY 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 38. HD2 vs. Gain, LNA = 18 dB and PGA = 24 dB
Figure 39. HD3 vs. Gain, LNA = 18 dB and PGA = 24 dB
and VOUT = -1 dBFS
and VOUT = -1 dBFS
Figure 40. HD2 vs. Gain, LNA = 24 dB and PGA = 24 dB
Figure 41. HD3 vs. Gain, LNA = 24 dB and PGA = 24 dB
and VOUT = -1 dBFS
and VOUT = -1 dBFS
Figure 42. IMD3, Fout1 = -1 dBFS and Fout2 = -21 dBFS
Figure 43. IMD3, Fout1 = -7dBFS and Fout2 = -7dBFS
16
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s): AFE5803



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com