Electronic Components Datasheet Search
  English  ▼

X  

TMP709 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMP709
Description  Resistor-Programmable Temperature Switch in SOT Package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP709 Datasheet(HTML) 4 Page - Texas Instruments

  TMP709 Datasheet HTML 1Page - Texas Instruments TMP709 Datasheet HTML 2Page - Texas Instruments TMP709 Datasheet HTML 3Page - Texas Instruments TMP709 Datasheet HTML 4Page - Texas Instruments TMP709 Datasheet HTML 5Page - Texas Instruments TMP709 Datasheet HTML 6Page - Texas Instruments TMP709 Datasheet HTML 7Page - Texas Instruments TMP709 Datasheet HTML 8Page - Texas Instruments TMP709 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
VCC
HYST
SET
GND
OT
1
2
3
5
4
TMP709
SBOS583A
– DECEMBER 2011 – REVISED FEBRUARY 2012
www.ti.com
PIN CONFIGURATION
DBV PACKAGE
SOT23-5
(TOP VIEW)
PIN DESCRIPTIONS
PIN
NAME
NO.
I/O
TYPE
DESCRIPTION
GND
2
Power
Analog
Device ground
HYST
4
Input
Digital
Hysteresis selection. For 10
°C, HYST = VCC; for 2°C, HYST = GND.
OT
3
Output
Digital
Open-drain, active low output
SET
1
Input
Analog
Temperature set point. Connect an external 1% resistor between SET and GND.
VCC
5
Power
Analog
Power-supply voltage (2.7 V to 5.5 V)
4
Submit Documentation Feedback
Copyright
© 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): TMP709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com