Electronic Components Datasheet Search
  English  ▼

X  

TMP709 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMP709
Description  Resistor-Programmable Temperature Switch in SOT Package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP709 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP709 Datasheet HTML 3Page - Texas Instruments TMP709 Datasheet HTML 4Page - Texas Instruments TMP709 Datasheet HTML 5Page - Texas Instruments TMP709 Datasheet HTML 6Page - Texas Instruments TMP709 Datasheet HTML 7Page - Texas Instruments TMP709 Datasheet HTML 8Page - Texas Instruments TMP709 Datasheet HTML 9Page - Texas Instruments TMP709 Datasheet HTML 10Page - Texas Instruments TMP709 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TMP709
www.ti.com
SBOS583A
– DECEMBER 2011 – REVISED FEBRUARY 2012
APPLICATION INFORMATION
SET-POINT RESISTOR (RSET)
The temperature threshold is set by connecting RSET from the SET pin to GND. The value of RSET can be
determined using either Figure 2 or from Equation 1:
RSET (kΩ) = 0.0012T
2 – 0.9308T + 96.147
Where T = temperature threshold in degree Celsius.
(1)
THERMAL CONSIDERATIONS
The TMP709 quiescent current is typically 40
μA. The device dissipates negligible power when the output drives
a high-impedance load. Thus, the die temperature is the same as the package temperature. In order to maintain
accurate temperature monitoring, a good thermal contact should be provided between the TMP709 package and
the device being monitored. The rise in die temperature as a result of self-heating is given by the following
equation:
ΔTJ = PDISS × θJA
Where:
PDISS = power dissipated by the device.
θJA = package thermal resistance. Typical thermal resistance for SOT-23 package is 217.9°C/W.
(2)
To minimize the effects of self-heating, keep the output current at a minimum level.
POWER-SUPPLY FILTERING
Any significant noise on the VCC pin may result in a trip-point error. This noise can be minimized levels by
low-pass filtering the device supply (VCC) using a 150-Ω resistor and a 0.1-μF capacitor.
Copyright
© 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TMP709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com