Electronic Components Datasheet Search
  English  ▼

X  

TMP709 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMP709
Description  Resistor-Programmable Temperature Switch in SOT Package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP709 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP709 Datasheet HTML 2Page - Texas Instruments TMP709 Datasheet HTML 3Page - Texas Instruments TMP709 Datasheet HTML 4Page - Texas Instruments TMP709 Datasheet HTML 5Page - Texas Instruments TMP709 Datasheet HTML 6Page - Texas Instruments TMP709 Datasheet HTML 7Page - Texas Instruments TMP709 Datasheet HTML 8Page - Texas Instruments TMP709 Datasheet HTML 9Page - Texas Instruments TMP709 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Hysteresis
Control
Positive
Tempco
Reference
HYST
SET
Negative
Tempco
Reference
TMP709
R
SET
R
PULLUP
+2.7 V to +5.5 V
OT
VCC
GND
TMP709
SBOS583A
– DECEMBER 2011 – REVISED FEBRUARY 2012
www.ti.com
THEORY OF OPERATION
DEVICE DESCRIPTION
The
TMP709
is
a
fully-integrated,
resistor-programmable
temperature
switch
that
incorporates
two
temperature-dependent voltage references and one comparator. One voltage reference exhibits a positive
temperature coefficient (tempco), and the other voltage reference exhibits a negative tempco. The temperature at
which both voltage references are equal determines the temperature trip point.
The TMP709 temperature threshold is programmable from 0
°C to +125°C and is set by an external 1% resistor
from the SET pin to the GND pin. The TMP709 has an open-drain, active-low output structure that can easily
interface with a microprocessor.
HYSTERESIS INPUT
The HYST pin is a digital input that allows the input hysteresis to be set at either 10
°C (when HYST = VCC) or
2
°C (when HYST = GND). The hysteresis function keeps the OT pin from oscillating when the temperature is
near the threshold. Thus, the HYST pin should always be connected to either VCC or GND. Other input voltages
on this pin may cause abnormal supply currents and/or function.
CIRCUIT DETAILS
Figure 5 shows the comparator, the NFET open-drain device connected to the OT pin, the positive tempco
reference using the external RSET resistor, the negative tempco reference, and the hysteresis control. The
voltage of the positive tempco reference is controlled by external resistor RSET.
Figure 5. Circuit Details
The TMP709 reaches the temperature trip point when the voltage from the positive tempco reference is greater
than the voltage from the negative tempco reference. This situation causes the output of the comparator to
switch from logic 0 to logic 1. The comparator output drives the gate of the NFET open-drain device and pulls the
voltage on the OT pin from logic 1 to logic 0 under these conditions (output trips). Furthermore, the logic 1 output
from the comparator causes the hysteresis control to increase the voltage of the positive tempco reference by an
amount set by the logic setting on the HYST pin (10
°C for logic 1 on the HYST pin; 2°C for logic 0 on the HYST
pin). Increasing the voltage of the positive tempco reference after the TMP709 trips stops the TMP709 from
untripping (voltage on the OT pin changing from logic 0 to logic 1) until the local temperature has been reduced
by the amount set by the HYST pin. After the local temperature has been reduced and the voltage from the
positive tempco reference is less than the voltage from the negative tempco reference, the output of the
comparator switches from logic 1 to logic 0. This condition causes the voltage on the OT pin to change from logic
0 to logic 1 (device untrips).
6
Submit Documentation Feedback
Copyright
© 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): TMP709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com