Electronic Components Datasheet Search
  English  ▼

X  

AS1154 Datasheet(PDF) 8 Page - ams AG

Part # AS1154
Description  Dual LVDS Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1154 Datasheet(HTML) 8 Page - ams AG

Back Button AS1154 Datasheet HTML 4Page - ams AG AS1154 Datasheet HTML 5Page - ams AG AS1154 Datasheet HTML 6Page - ams AG AS1154 Datasheet HTML 7Page - ams AG AS1154 Datasheet HTML 8Page - ams AG AS1154 Datasheet HTML 9Page - ams AG AS1154 Datasheet HTML 10Page - ams AG AS1154 Datasheet HTML 11Page - ams AG AS1154 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
www.austriamicrosystems.com/Interfaces-LVDS/AS1154
Revision 1.02
8 - 16
AS1154
Datasheet - Ty pical Operating Characteristics
Figure 15. ICC vs. VCC
Figure 16. ICC vs. Temperature;
Figure 17. Short Circuit Current vs. VCC
Figure 18. ICC vs. Frequency
8
9
10
11
12
13
-50
-30
-10
10
30507090
Ambient Temperature(°C)
9
9.4
9.8
10.2
10.6
11
3
3.1
3.2
3.3
3.4
3.5
3.6
Supply Voltage (V)
Freq = 100MHz
Freq = 20MHz
0
2
4
6
8
10
12
14
16
18
0
50
100
150
200
250
Frequency (MHz)
3.6
3.65
3.7
3.75
3.8
3.85
3.9
3
3.1
3.2
3.3
3.4
3.5
3.6
Supply Voltage(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com