Electronic Components Datasheet Search
  English  ▼

X  

AS1154 Datasheet(PDF) 9 Page - ams AG

Part # AS1154
Description  Dual LVDS Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1154 Datasheet(HTML) 9 Page - ams AG

Back Button AS1154 Datasheet HTML 5Page - ams AG AS1154 Datasheet HTML 6Page - ams AG AS1154 Datasheet HTML 7Page - ams AG AS1154 Datasheet HTML 8Page - ams AG AS1154 Datasheet HTML 9Page - ams AG AS1154 Datasheet HTML 10Page - ams AG AS1154 Datasheet HTML 11Page - ams AG AS1154 Datasheet HTML 12Page - ams AG AS1154 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
www.austriamicrosystems.com/Interfaces-LVDS/AS1154
Revision 1.02
9 - 16
AS1154
Datasheet - Detailed Descr i p ti on
8 Detailed Description
LVDS Interface
The LVDS interface standard is a signaling method intended for point-to-point communication over a controlled-impedance medium as defined
by the ANSI/TIA/EIA-644 and IEEE 1596.3 standards. The LVDS standard uses a lower voltage swing than other common communication stan-
dards, achieving higher data rates with reduced power consumption while reducing EMI emissions and system susceptibility to noise.
The AS1154 is an 800Mbps dual differential LVDS driver that is designed for high-speed, point-to-point, low-power applications. This device
accepts LVTTL/LVCMOS input levels and translates them to LVDS output signals.
The AS1154 generates a 2.5mA to 4.5mA output current using a current-steering configuration. This current steering approach induces less
ground bounce and no shoot-through current, enhancing noise margin and system speed performance. The driver outputs are short-circuit cur-
rent limited, and enter a high-impedance state when the device is not powered or is disabled.
The current-steering architecture of the AS1154 requires a resistive load to terminate the signal and complete the transmission loop. Because
the device switches current and not voltage, the actual output voltage swing is determined by the value of the termination resistor at the input of
an LVDS receiver (AS1157, AS1158). Logic states are determined by the direction of current flow through the termination resistor.
With a typical 3.7mA output current, the AS1154 produces an output voltage of 370mV when driving a 100
Ω load.
Termination
Because the AS1154 is a current-steering device, no output voltage will be generated without a termination resistor. The termination resistors
should match the differential impedance of the transmission line. Output voltage levels depend upon the value of the termination resistor.
The AS1154 is optimized for point-to-point interface with 100
Ω termination resistors at the receiver inputs. Termination resistance values may
range between 90 and132
Ω, depending on the characteristic impedance of the transmission medium.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com