Electronic Components Datasheet Search
  English  ▼

X  

DX0928 Datasheet(PDF) 11 Page - Elektron Components Ltd.

Part # DX0928
Description  POLYSNAP짰 POWER INLET MODULES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

DX0928 Datasheet(HTML) 11 Page - Elektron Components Ltd.

Back Button DX0928 Datasheet HTML 7Page - Elektron Components Ltd. DX0928 Datasheet HTML 8Page - Elektron Components Ltd. DX0928 Datasheet HTML 9Page - Elektron Components Ltd. DX0928 Datasheet HTML 10Page - Elektron Components Ltd. DX0928 Datasheet HTML 11Page - Elektron Components Ltd. DX0928 Datasheet HTML 12Page - Elektron Components Ltd. DX0928 Datasheet HTML 13Page - Elektron Components Ltd. DX0928 Datasheet HTML 14Page - Elektron Components Ltd. DX0928 Datasheet HTML 15Page - Elektron Components Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
www.elektron-bulgin.com
BZV09/Z0000/04
Inlet/Outlet Combination
2.8mm or 6.3mm tags
Filtered Inlet and Blanking
Plate options
Shuttered or Non-shuttered
Outlet
Fused
For Filtered inlet use 6th to 9th characters from
filter ordering code see pages 125-126.
E.g. BZV09/A0120/04
BZVxx / xxxxx / xx
How to Order
Type of Inlet / Outlet
C14 Power Inlet (cold condition) and Sheet F
Non-shuttered Power Outlet, 2.8 or 6.3mm tabs:
09 = PX0575/63 + PX0695/63
10 = PX0575/28 + PX0695/28
C14 Power Inlet (cold condition) and Sheet F
Shuttered Power Outlet, 2.8 or 6.3mm tabs:
17 = PX0575/63 + PX0783/63
18 = PX0575/28 + PX0783/28
Filtered or Non Filtered Inlet
Z0000 = Non Filtered
Axxxx = Standard
Bxxxx = Medical
Combination of Other Components
Twin Fuseholder:
04 = 2 x FX0359
Voltage Selector and Fuseholder:
14 = 1 x VS0001 + 1 x FX0359
Voltage selector and Neon:
37 = 1 x VS0001 + DX0928/110V/Red
38 = 1 x VS0001 + DX0928/110V/Green
39 = 1 x VS0001 + DX0928/250V/Red
40 = 1 x VS0001 + DX0928/250V/Green
Fuseholder and Neon:
41 = 1 x FX0359 + DX0928/110V/Red
42 = 1 x FX0359 + DX0928/110V/Green
43 = 1 x FX0359 + DX0928/250V/Red
44 = 1 x FX0359 + DX0928/250V/Green
Fuseholder and Blanking Plate:
45 = 1 x FX0359 + Blanking Plate
Voltage Selector and Blanking Plate:
B2 = 1 x VS0001 + Blanking Plate
C14 IEC Inlet/Sheet F IEC Outlet - Vertical
Note: For technical details of individual components please see page 106
VERTICAL MODULE ARRANGEMENT
POLYSNAP® POWER INLET MODULES
115
Conns1 - Polysnap 2010:Conns1 - Polysnap 2005
8/6/10
16:53
Page 115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com