Electronic Components Datasheet Search
  English  ▼

X  

DX0928 Datasheet(PDF) 2 Page - Elektron Components Ltd.

Part # DX0928
Description  POLYSNAP짰 POWER INLET MODULES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

DX0928 Datasheet(HTML) 2 Page - Elektron Components Ltd.

  DX0928 Datasheet HTML 1Page - Elektron Components Ltd. DX0928 Datasheet HTML 2Page - Elektron Components Ltd. DX0928 Datasheet HTML 3Page - Elektron Components Ltd. DX0928 Datasheet HTML 4Page - Elektron Components Ltd. DX0928 Datasheet HTML 5Page - Elektron Components Ltd. DX0928 Datasheet HTML 6Page - Elektron Components Ltd. DX0928 Datasheet HTML 7Page - Elektron Components Ltd. DX0928 Datasheet HTML 8Page - Elektron Components Ltd. DX0928 Datasheet HTML 9Page - Elektron Components Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
www.elektron-bulgin.com
POLYSNAP® POWER INLET MODULES
106
Components used in Polysnap® and Polyflange Power Inlet Modules
Note: Components are Approved Individually (where applicable). Please see individual component pages for full specifications.
Type
DX0928
FX0359
PF0011
PF0033
PX0575
PX0595
PX0695
PX0783
PX0598
VS0001
Description
Neon Indicator
5 x 20mm Fuseholder
C14 Power Inlet with Integral 5 x 20mm
Fuseholder
C14 Power Inlet with Integral twin 5 x 20mm
Fuseholder
C14 Power Inlet, Cold condition
C16 Power Inlet, Hot Condition
Sheet F Power Outlet
Sheet F Shuttered Power Outlet
C20 Power Inlet
Voltage Selector marked 120/240V
Rating
Approvals
110V or 250V a.c./d.c. working
Max. rating 10A. 250V
See Page 150
Max. rating 10A. 250V a.c.
See Page 81
Max. rating 10A. 250V a.c.
See Page 82
Max. rating 10A. 250V a.c.
See Page 77
Max. rating 10A. 250V a.c.
See Page 83
Max. rating 10A. 250V a.c.
See Page 90
Max. rating 10A. 250V a.c.
See Page 91
Max. rating 16A, 250V a.c.
See Page 93
Max. rating 6.3A. 120/240V a.c.
See Page 196
No Poles
Illumination
Current Ratings
Circuit
Approvals
Single Pole
Non-illuminated
Max. rating 16A Resistive, 4A Inductive, 250Vac.
High Inrush
Max. rating 16A Resistive, 4A Inductive, 250Vac.
Inrush current, 150A to IEC65.
Illuminated
Max. rating 16A Resistive, 4A Inductive, 250Vac.
Double Pole
Non-illuminated
Max. rating 16A Resistive, 4A Inductive, 250Vac.
High Inrush
Max. rating 16A Resistive, 4A Inductive, 250Vac.
Inrush current, 150A to IEC65.
Illuminated
Max. rating 16A Resistive, 4A Inductive, 250Vac.
250Vac Neon.
For Mini Bezel:
Single Pole
Non-illuminated
Max. rating 10A Resistive, 4A Inductive, 250Vac.
Illuminated
Max. rating 10A Resistive, 4A Inductive, 250Vac.
250Vac Neon.
Double Pole
Non-illuminated
Max. rating 10A Resistive, 4A Inductive, 250Vac.
High Inrush
Max. rating 10A Resistive, 4A Inductive, 250Vac.
Inrush current, 85A to EN61058-1.
Illuminated
Max. rating 10A Resistive, 4A Inductive, 250Vac.
250Vac Neon.
Indicator
250Vac neon lamp connected internally to terminals.
1
2
1a
2a
1a
3b
2a
1
2
3
1
4
2
5
1
4
2
5
1
4
5
2
1
4
5
2
1
3
1a
3b
2a
4b
IEC CONNECTORS, FUSEHOLDERS AND VOLTAGE SELECTORS
SWITCHES, INDICATORS AND CIRCUIT BREAKERS
Polysnap and Polyflange range and all components are compliant
RoHS
Conns1 - Polysnap 2010:Conns1 - Polysnap 2005
8/6/10
16:53
Page 106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com