Electronic Components Datasheet Search
  English  ▼

X  

DX0928 Datasheet(PDF) 21 Page - Elektron Components Ltd.

Part # DX0928
Description  POLYSNAP짰 POWER INLET MODULES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

DX0928 Datasheet(HTML) 21 Page - Elektron Components Ltd.

Back Button DX0928 Datasheet HTML 17Page - Elektron Components Ltd. DX0928 Datasheet HTML 18Page - Elektron Components Ltd. DX0928 Datasheet HTML 19Page - Elektron Components Ltd. DX0928 Datasheet HTML 20Page - Elektron Components Ltd. DX0928 Datasheet HTML 21Page - Elektron Components Ltd. DX0928 Datasheet HTML 22Page - Elektron Components Ltd. DX0928 Datasheet HTML 23Page - Elektron Components Ltd. DX0928 Datasheet HTML 24Page - Elektron Components Ltd. DX0928 Datasheet HTML 25Page - Elektron Components Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
www.elektron-bulgin.com
For Polysnap modules BZV03,
BZV04, BZV09, BZV10,
BZV17, BZV18, BZH09,
BZH10, BZH17, BZH18,
BZM27, BZM28
PX0575 style IEC inlet
Using PS01/A style filter
Standard Attenuation Filter
Bxxxx/A xx x x / xx
Additional
Polysnap Part No.
Filter Type
Rating
L/C Circuit
Components
Polysnap Part No.
From Polysnap Selection
A = Standard
01 = 1A
1 = Version 1
0 = None
From Polysnap Selection
03 = 3A
2 = Version 2
1 = Bleed (R) Resistor
06 = 6A
3 = Version 3
2 = Surge (VDR) Protection
10 = 10A
3 = “R” plus “VDR”
Rating
Version
L1
Cx
Cy
1 AMP
1
2 x 2.8mH
1 x 15nF
2 x 2.2nF
“2
2 x 10mH
1 x 15nF
2 x 2.2nF
“3
2 x 10mH
1 x 47nF
2 x 2.2nF
3 AMP
1
2 x 0.75mH
1 x 15nF
2 x 2.2nF
“2
2 x 1.8mH
1 x 15nF
2 x 2.2nF
“3
2 x 1.8mH
1 x 47nF
2 x 2.2nF
6 AMP
1
2 x 0.3mH
1 x 15nF
2 x 2.2nF
“2
2 x 0.7mH
1 x 15nF
2 x 2.2nF
“3
2 x 0.7mH
1 x 47nF
2 x 2.2nF
10 AMP
1
2 x 0.17mH
1 x 15nF
2 x 2.2nF
“2
2 x 0.35mH
1 x 15nF
2 x 2.2nF
“3
2 x 0.17mH
1 x 47nF
2 x 2.2nF
Filter Specification
Max. Working Voltage:
250V a.c. 50-400Hz
Earth Leakage Current:
<0.35mA (250V. 50Hz)
Temperature Range:
–25ºC to +85ºC
Max. Ambient Temp.:
40ºC (derate linearly to 0A @ 85ºC)
(@ Full Load)
Test Voltage:
2700V d.c. 2 secs. Lines to Earth
1100V d.c. 2 secs. Live to Neutral
Approvals:
Attenuation Curves:
See PS01/A filter, page 132
Part No. Example
BZV03/A0120/02 =
BZV style Polysnap module with PX0575 IEC
power inlet, filter rated at 1 amp, L/C circuit
version 2 (L1 = 2 x 10mH, Cx = 1 x 15nF,
Cy = 2 x 2.2nF), without bleed resistor or surge
protection device fitted, 6.3mm tabs and single
pole red neon switch.
C14 IEC Inlet - Standard Filter
EMI FILTER OPTIONS
POLYSNAP® POWER INLET MODULES
125
Conns1 - Polysnap 2010:Conns1 - Polysnap 2005
8/6/10
16:54
Page 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com