Electronic Components Datasheet Search
  English  ▼

X  

ELM404P Datasheet(PDF) 4 Page - ELM Electronics

Part # ELM404P
Description  Rotary Decoder - 3 wire 2x Interface
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM404P Datasheet(HTML) 4 Page - ELM Electronics

  ELM404P Datasheet HTML 1Page - ELM Electronics ELM404P Datasheet HTML 2Page - ELM Electronics ELM404P Datasheet HTML 3Page - ELM Electronics ELM404P Datasheet HTML 4Page - ELM Electronics ELM404P Datasheet HTML 5Page - ELM Electronics ELM404P Datasheet HTML 6Page - ELM Electronics ELM404P Datasheet HTML 7Page - ELM Electronics ELM404P Datasheet HTML 8Page - ELM Electronics ELM404P Datasheet HTML 9Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4 of 9
ELM404
Electrical Characteristics
Absolute Maximum Ratings
Storage Temperature....................... -65°C to +150°C
Ambient Temperature with
Voltage Applied..................................-40°C to +85°C
Voltage on VDD with respect to VSS............ 0 to +6.5V
Voltage on any other pin with
respect to VSS........................... -0.3V to (VDD + 0.3V)
Note:
Stresses beyond those listed here will likely
damage this device. These values are given as a
design guideline only. The ability to operate to
these levels is neither inferred nor recommended.
All values are for operation at 25°C and a 5V supply, unless otherwise noted. For further information, refer to note 1 below.
Characteristic
Minimum
Typical
Maximum
Conditions
Units
Supply voltage, VDD
2.0
5.0
5.5
V
VDD rate of rise
0.05
V/msec
Average supply current, IDD
0.6
1.1
mA
VDD = 5.0V
Notes:
1. This integrated circuit is based on a Microchip Technology Inc. PIC12F5XX device. For more detailed
specifications, please refer to the Microchip documentation (www.microchip.com).
2. This spec must be met in order to ensure that a correct power on reset occurs. It is quite easily achieved
using most common types of supplies, but may be violated if one uses a slowly varying supply voltage, as
may be obtained through direct connection to solar cells, or some charge pump circuits.
3. The internal reset circuitry stops the ELM404 from doing anything during this period, so that the power
supplies and oscillators have time to stabilize. During this time, all pins behave like inputs.
4. Typical only - the actual period varies with the amount of noise present in the input signal.
5. All filtering, delay, and output timing is based on an internal master oscillator. The frequency of this oscillator
will vary with voltage and temperature. Values shown are typical maximums for 2.0V
≤ VDD ≤ 5.5V, and
temperatures of -40°C to +85°C
Output low current
(sink)
10
mA
mA
5.0
VOL = 0.25V
see note 2
ELM404DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Debounce period
msec
5.5
VDD = 2.0V
0.2
0.3
mA
VDD = 5.0V
VDD = 3.0V
VOL = 0.25V
Output high current
(source)
2.5
mA
mA
1.7
VOH = 4.75V
VDD = 5.0V
VDD = 3.0V
VOH = 2.75V
see note 4
Power on reset time
9
msec
see note 3
18
30
msec
50
Internal timing variation
%
1
4
see note 5
Startup time delay



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com