Electronic Components Datasheet Search
  English  ▼

X  

ELM404P Datasheet(PDF) 5 Page - ELM Electronics

Part # ELM404P
Description  Rotary Decoder - 3 wire 2x Interface
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM404P Datasheet(HTML) 5 Page - ELM Electronics

  ELM404P Datasheet HTML 1Page - ELM Electronics ELM404P Datasheet HTML 2Page - ELM Electronics ELM404P Datasheet HTML 3Page - ELM Electronics ELM404P Datasheet HTML 4Page - ELM Electronics ELM404P Datasheet HTML 5Page - ELM Electronics ELM404P Datasheet HTML 6Page - ELM Electronics ELM404P Datasheet HTML 7Page - ELM Electronics ELM404P Datasheet HTML 8Page - ELM Electronics ELM404P Datasheet HTML 9Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5 of 9
ELM404
ELM404DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Rotary Encoders
A rotary encoder (sometimes referred to as a
quadrature encoder) is a device that produces digital
(on/off) outputs in response to rotary, or circular,
motion. It is often constructed such that it looks very
much like a potentiometer, or audio volume control
(see the picture of a typical device, at the right).
As the encoder shaft is turned, internal contacts
open and close, creating two waveforms that are
ideally separated in phase by 90 degrees (ie ‘in
quadrature’). Actually, you need to provide external
‘pullup’ resistors and a power supply to create these
waveforms, as the contacts themselves can not do
this. An ideal waveform from a rotary encoder would
look like this:
Due to the 90 degree phase difference, when one
waveform changes, the other is always stable. By
noting the direction of the change and the level of the
other input at that time, you can determine the
direction of motion of the shaft.
Rotary encoders are not ideal, however. Due to
their construction, and variations in shaft speed, the
waveforms are not perfectly square with the 50% duty
cycles shown. Figure 2 shows a captured trace from a
real rotary encoder that is more representative of what
you will typically find. Note that the two ‘scope
channels (1 and 2) represent the encoder outputs A
and B, respectively. The ch 1 (A) waveform leads the
ch 2 (B) waveform, which usually means that the shaft
is turning in a clockwise direction.
The first rising edge of the channel 2 waveform
shows another problem that occurs with moving
mechanical contacts - multiple pulses due to bounce.
When two contacts meet, the moving one will tend to
bounce, like a ball does when it is dropped on the
floor. Each bounce results in an electrical connection
being made, then broken, which will look like multiple
inputs to a fast electronic circuit. Various mechanical
means are used to reduce the amount of bounce, but it
can never really be eliminated. The following section
discusses how the ELM404 uses electronic means to
remove the bounce.
Figure 2. Actual Rotary Encoder waveform
Figure 1. Quadrature Waveforms
A
B
A typical rotary encoder



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com