Electronic Components Datasheet Search
  English  ▼

X  

ELM404P Datasheet(PDF) 9 Page - ELM Electronics

Part # ELM404P
Description  Rotary Decoder - 3 wire 2x Interface
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM404P Datasheet(HTML) 9 Page - ELM Electronics

  ELM404P Datasheet HTML 1Page - ELM Electronics ELM404P Datasheet HTML 2Page - ELM Electronics ELM404P Datasheet HTML 3Page - ELM Electronics ELM404P Datasheet HTML 4Page - ELM Electronics ELM404P Datasheet HTML 5Page - ELM Electronics ELM404P Datasheet HTML 6Page - ELM Electronics ELM404P Datasheet HTML 7Page - ELM Electronics ELM404P Datasheet HTML 8Page - ELM Electronics ELM404P Datasheet HTML 9Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Figure 7 below shows how the ELM404 might be
used with a digital potentiometer (in this case, an
AD5220 from Analog Devices).
Pullup resistors of 10 K
Ω are used with the rotary
encoder to provide voltages for the A and B inputs.
Power for the ELM404 and the AD5220 has been
supplied from a common source (it must be between
2.7V and 5.5V for the AD5220), and a small capacitor
has been added to ensure that the supply is filtered.
Note that the output lines are directly connected to the
AD5220 inputs, but we have added a 10 k
Ω pullup
resistor on the CS line, to ensure that it rises rapidly to
the VDD level as quickly as possible after power up.
This may not be absolutely necessary in this case (as
the AD5220 setting only changes on the falling edge of
the clock signal), but it does not hurt to add it.
That’s about all there is to using the ELM404.
Connect pullup resistors to your rotary encoder,
connect the encoder signals to the ELM404, then
connect the ELM404 to the controlled circuit. Use a
common supply for all the devices, and add a small
bypass capacitor across the supply line. The controlled
devices can be digital pots, microprocessors, or almost
any circuit that will accept CMOS signals. Enjoy!
Example Application
Figure 7. Connecting the ELM404 to an AD5220
9 of 9
ELM404DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
ELM404
0.01µF
1
2
3
4
8
7
6
5
VDD
VDD
VDD
10 K
Ω
10 K
Ω
A
B
rotary
encoder
C
10 K
Ω
AD
5220
1
2
3
4
8
7
6
5
H
W
L
VDD



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com