Electronic Components Datasheet Search
  English  ▼

X  

LT1399 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1399
Description  100MHz Current Feedback
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1399 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1399 Datasheet HTML 3Page - Linear Technology LT1399 Datasheet HTML 4Page - Linear Technology LT1399 Datasheet HTML 5Page - Linear Technology LT1399 Datasheet HTML 6Page - Linear Technology LT1399 Datasheet HTML 7Page - Linear Technology LT1399 Datasheet HTML 8Page - Linear Technology LT1399 Datasheet HTML 9Page - Linear Technology LT1399 Datasheet HTML 10Page - Linear Technology LT1399 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LT1228
7
1228fd
TYPICAL PERFORMANCE CHARACTERISTICS
Input Common Mode Limit
vs Temperature
Output Saturation Voltage
vs Temperature
Output Short-Circuit Current
vs Temperature
Spot Noise Voltage and Current
vs Frequency
Power Supply Rejection
vs Frequency
Output Impedance vs Frequency
Maximum Capacitive Load
vs Feedback Resistor
Total Harmonic Distortion
vs Frequency
2nd and 3rd Harmonic
Distortion vs Frequency
Transconductance Amplifier, Pins 1, 6, 8
FEEDBACK RESISTOR (k)
10
100
1k
10k
0
2
3
LT1228 • TPC19
1
1
VS = ±5V
VS = ±15V
RL = 1k
PEAKING ≤ 5dB
GAIN = 2
FREQUENCY (Hz)
0.01
0.10
10
1k
10k
100k
LT1228 • TPC20
0.001
100
VS = ±15V
RL = 400
RF = RG = 750
VO = 7VRMS
VO = 1VRMS
FREQUENCY (MHz)
1
–70
–60
–50
–40
–30
–20
10
100
LT1228 • TPC21
VS = ±15V
VO = 2VP–P
RL = 100
RF = 750
AV = 10dB
2nd
3rd
TEMPERATURE (°C)
2.0
V+
–50
25
75
125
LT1228 • TPC22
V–
0
1.0
–1.0
–2.0
–0.5
–1.5
1.5
0.5
–25
50
100
V+ = 2V TO 15V
V– = –2V TO –15V
TEMPERATURE (°C)
V+
–50
25
75
125
LT1228 • TPC23
V–
0
1.0
–1.0
–0.5
0.5
–25
50
100
RL = ∞
±2V ≤ VS ≤ 15V
TEMPERATURE (°C)
–25
40
60
100
150
LT1228 • TPC24
0
–50
25 50 75
125
175
30
70
50
FREQUENCY (Hz)
10
100
10
1k
10k
100k
LT1228 • TPC25
1
100
en
+in
–in
FREQUENCY (Hz)
40
80
10k
1M
10M
100M
LT1228 • TPC26
0
100k
VS = ±15V
RL = 100
RF = RG = 750
NEGATIVE
20
60
POSITIVE
FREQUENCY (Hz)
0.1
100
10k
1M
10M
100M
LT1228 • TPC27
0.001
100k
0.01
10
VS = ±15V
1.0
RF = RG = 2k
RF = RG = 750Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com