Electronic Components Datasheet Search
  English  ▼

X  

LT1399 Datasheet(PDF) 22 Page - Linear Technology

Part # LT1399
Description  100MHz Current Feedback
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1399 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT1399 Datasheet HTML 14Page - Linear Technology LT1399 Datasheet HTML 15Page - Linear Technology LT1399 Datasheet HTML 16Page - Linear Technology LT1399 Datasheet HTML 17Page - Linear Technology LT1399 Datasheet HTML 18Page - Linear Technology LT1399 Datasheet HTML 19Page - Linear Technology LT1399 Datasheet HTML 20Page - Linear Technology LT1399 Datasheet HTML 21Page - Linear Technology LT1399 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
LT1228
22
1228fd
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LINEAR TECHNOLOGY CORPORATION 2012
LT 0612 REV D • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATIONS
RF AGC Amplifier (Leveling Loop)
+
–
A3
LT1006
LT1228 • TA20
+
–
CFA
100
10k
RF INPUT
0.6VRMS to 1.3VRMS
25MHz
300
–15V
15V
+
–
gm
470
10
0.01µF
10k
0.01µF
15V
–15V
4pF
10k
100k
AMPLITUDE
ADJUST
10k
4.7k
–15V
LT1004
1.2V
10k
OUTPUT
2VP–P
1N4148’s
COUPLE THERMALLY
3
2
7
5
1
8
4
Inverting Amplifier with DC Output Less Than 5mV
Amplitude Modulator
LT1228 • TA21
–
+
+
100µF
–
+
R5
V–
gm
3
2
V+
7
5
4
1
8
6
VO
CFA
RF
1k
RG
1k
VS = ±5V, R5 = 3.6k
VS = ±15V, R5 = 13.6k
VOUT MUST BE LESS THAN
200mVP–P FOR LOW OUTPUT OFFSET
BW = 30Hz TO 20MHz
VIN
INCLUDES DC
LT1228 • TA22
–
+
1k
–
+
10k
–5V
gm
3
5V
7
5
4
1
8
6
VOUT
0dBm(230mV) AT
MODULATION = 0V
CFA
RF
750
RG
750
+
4.7µF
MODULATION
INPUT ≤ 8VP–P
4.7µF
CARRIER
INPUT
30mV
2
PART NUMBER
DESCRIPTION
COMMENTS
LT1227
140MHz Current Feedback Amplifier
1100V/µs Slew Rate, 0.01% Differential Gain, 0.03% Differential Phase
LT1251/LT1256
40MHz Video Fader
Accurate Linear Gain Control: ±1% Typ, ±3% Max
LT1399
400MHz Current Feedback Amplifier
800V/µs Slew Rate, 80mA Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com