Electronic Components Datasheet Search
  English  ▼

X  

LT3021 Datasheet(PDF) 15 Page - Linear Technology

Part # LT3021
Description  3關A IQ, 20mA, 45V Low Dropout Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3021 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT3021 Datasheet HTML 11Page - Linear Technology LT3021 Datasheet HTML 12Page - Linear Technology LT3021 Datasheet HTML 13Page - Linear Technology LT3021 Datasheet HTML 14Page - Linear Technology LT3021 Datasheet HTML 15Page - Linear Technology LT3021 Datasheet HTML 16Page - Linear Technology LT3021 Datasheet HTML 17Page - Linear Technology LT3021 Datasheet HTML 18Page - Linear Technology LT3021 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LT3008 Series
15
3008fc
APPLICATIONS INFORMATION
So,
P = 20mA(12.6V – 3.3V) + 0.3mA(12.6V) = 189.8mW
The thermal resistance ranges from 65°C/W to 85°C/W
depending on the copper area. So, the junction temperature
rise above ambient approximately equals:
0.1898W(75°C/W) = 14.2°C
The maximum junction temperature equals the maximum
junction temperature rise above ambient plus the maximum
ambient temperature or:
TJ(MAX) = 85°C + 14.2°C = 99.2°C
Protection Features
The LT3008 incorporates several protection features that
make it ideal for use in battery-powered circuits. In ad-
dition to the normal protection features associated with
monolithic regulators, such as current limiting and thermal
limiting, the device also protects against reverse-input
voltages, reverse-output voltages and reverse output-to-
input voltages.
Current limit protection and thermal overload protec-
tion protect the device against current overload condi-
tions at the output of the device. For normal operation,
do not exceed a junction temperature of 125°C. The
typical thermal shutdown circuitry temperature threshold
is 160°C.
The IN pin withstands reverse voltages of 50V. The device
limits current flow to less than 30μA (typically less than
1μA) and no negative voltage appears at OUT. The device
protects both itself and the load against batteries that are
plugged in backwards.
For example, a 4-layer, 1 ounce copper PCB board with
3 thermal vias from the DFN exposed backside or the
3 fused TSOT-23 GND pins to inner layer GND planes
achieves 45°C/W thermal resistance. Demo circuit DC
1388A’s board layout achieves this 45°C/W performance.
This is approximately a 30% improvement over the lowest
numbers shown in Tables 2 and 3.
Calculating Junction Temperature
Example: Given an output voltage of 3.3V, an input voltage
range of 12V ±5%, an output current range of 0mA to 20mA
and a maximum ambient temperature of 85°C, what will
the maximum junction temperature be for an application
using the DC package?
The power dissipated by the device is equal to:
IOUT(MAX) (VIN(MAX) – VOUT) + IGND (VIN(MAX))
where,
IOUT(MAX) = 20mA
VIN(MAX) = 12.6V
IGND at (IOUT = 20mA, VIN = 12.6V) = 0.3mA
Table 3: Measured Thermal Resistance for TSOT-23 Package
COPPER AREA
BOARD
AREA
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
TOPSIDE*
BACKSIDE
2500mm2
2500mm2
2500mm2
65°C/W
1000mm2
2500mm2
2500mm2
67°C/W
225mm2
2500mm2
2500mm2
70°C/W
100mm2
2500mm2
2500mm2
75°C/W
50mm2
2500mm2
2500mm2
85°C/W
*Device is mounted on the topside.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com