Electronic Components Datasheet Search
  English  ▼

X  

LT3021 Datasheet(PDF) 20 Page - Linear Technology

Part # LT3021
Description  3關A IQ, 20mA, 45V Low Dropout Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3021 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT3021 Datasheet HTML 12Page - Linear Technology LT3021 Datasheet HTML 13Page - Linear Technology LT3021 Datasheet HTML 14Page - Linear Technology LT3021 Datasheet HTML 15Page - Linear Technology LT3021 Datasheet HTML 16Page - Linear Technology LT3021 Datasheet HTML 17Page - Linear Technology LT3021 Datasheet HTML 18Page - Linear Technology LT3021 Datasheet HTML 19Page - Linear Technology LT3021 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LT3008 Series
20
3008fc
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2007
LT 0412 REV C • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1761
100mA, Low Noise Micropower LDO
VIN: 1.8V to 20V, VOUT = 1.22V, VDO = 0.3V, IQ = 20μA, ISD < 1μA, Low Noise: < 20μVRMS,
Stable with 1μF Ceramic Capacitors, ThinSOT
TM Package
LT1762
150mA, Low Noise Micropower LDO
VIN: 1.8V to 20V, VOUT = 1.22V, VDO = 0.3V, IQ = 25μA, ISD < 1μA, Low Noise: < 20μVRMS,
MS8 Package
LT1763
500mA, Low Noise Micropower LDO
VIN: 1.8V to 20V, VOUT = 1.22V, VDO = 0.3V, IQ = 30μA, ISD < 1μA, Low Noise: < 20μVRMS,
S8 Package
LT1764/LT1764A
3A, Low Noise, Fast Transient
Response LDOs
VIN: 2.7V to 20V, VOUT = 1.21V, VDO = 0.34V, IQ = 1mA, ISD < 1μA, Low Noise: < 40μVRMS,
LT1764A Version Stable with Ceramic Capacitors, DD and TO220-5 Packages
LT1962
300mA, Low Noise Micropower LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.27V, IQ = 30μA, ISD < 1μA,
Low Noise: < 20μVRMS, MS8 Package
LT1963/LT1963A
1.5A, Low Noise, Fast Transient
Response LDOs
VIN: 2.1V to 20V, VOUT(MIN) = 1.21V, VDO = 0.34V, IQ = 1mA, ISD < 1μA,
Low Noise: < 40μVRMS, LT1963A Version Stable with Ceramic Capacitors, DD, TO220-5,
SOT223 and S8 Packages
LT3009
20mA, 3μA IQ Micropower LDO
VIN: 1.6V to 20V, Low IQ: 3μA, VDO = 0.28V, 2mm × 2mm DFN and SC70-8 Packages
LT3020
100mA, Low Voltage VLDO
VIN: 0.9V to 10V, VOUT(MIN) = 0.20V, VDO = 0.15V, IQ = 120μA, ISD < 1μA, 3mm × 3mm DFN
and MS8 Packages
LT3021
500mA, Low Voltage VLDO
VIN: 0.9V to 10V, VOUT(MIN) = 0.20V, VDO = 0.16V, IQ = 120μA, ISD < 3μA, 5mm × 5mm DFN
and SO8 Packages
LT3080/ LT3080-1 1.1A, Parallelable, Low Noise,
Low Dropout Linear Regulator
300mV Dropout Voltage (2-Supply Operation), Low Noise: 40μVRMS, VIN: 1.2V to 36V,
VOUT: 0V to 35.7V, Current-Based Reference with 1-Resistor VOUT Set; Directly Parallelable
(No Op Amp Required), Stable with Ceramic Caps, TO-220, SOT-223, MSOP and 3mm ×
3mm DFN Packages; LT3080-1 Version Has Integrated Internal Ballast Resistor
LT3085
500mA, Parallelable, Low Noise,
Low Dropout Linear Regulator
275mV Dropout Voltage (2-Supply Operation), Low Noise: 40μVRMS, VIN: 1.2V to 36V,
VOUT: 0V to 35.7V, Current-Based Reference with 1-Resistor VOUT Set; Directly Parallelable
(No Op Amp Required), Stable with Ceramic Caps, MSOP-8 and 2mm × 3mm DFN Packages
ThinSOT is a trademark of Linear Technology Corporation.
IN
SHDN
2.2μF
3.3V
3008 TA04a
OUT
1μF
SENSE
GND
LT3008-3.3
VIN
12V
LOW DUTY CYCLE
PULSED LOAD
0mA TO 10mA
Low Duty Cycle Applications
Average Power Savings for Low Duty Cycle Applications
0mA to 10mA Pulsed Load, IN = 12V
DUTY CYCLE (%)
0.1
70
60
80
90
100
3008 TA04b
40
50
30
110
20
10
0
10μA IQ
100μA IQ
30μA IQ
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com