Electronic Components Datasheet Search
  English  ▼

X  

LTC3872 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3872
Description  Wide Input Voltage Range
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3872 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3872 Datasheet HTML 10Page - Linear Technology LTC3872 Datasheet HTML 11Page - Linear Technology LTC3872 Datasheet HTML 12Page - Linear Technology LTC3872 Datasheet HTML 13Page - Linear Technology LTC3872 Datasheet HTML 14Page - Linear Technology LTC3872 Datasheet HTML 15Page - Linear Technology LTC3872 Datasheet HTML 16Page - Linear Technology LTC3872 Datasheet HTML 17Page - Linear Technology LTC3872 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LT3759
14
3759fb
The selection of switching frequency is the starting point.
The maximum frequency that can be used is based on the
maximum duty cycle. The conversion ratio as a function
of duty cycle is:
VOUT
VIN
=
1
1
−D
in continuous conduction mode (CCM). The equations
that follow assume CCM operation.
For a boost converter operating in CCM, the duty cycle
of the main switch can be calculated based on the output
voltage (VOUT) and the input voltage (VIN). The maximum
duty cycle (DMAX) occurs when the converter has the
minimum input voltage:
DMAX =
VOUT − VIN(MIN)
VOUT
The alternative to CCM, discontinuous conduction mode
(DCM) is not limited by duty cycle to provide high con-
version ratios at a given frequency. The price one pays
is reduced efficiency and substantially higher switching
current.
Boost Converter: Inductor and Sense Resistor Selection
For the boost topology, the maximum average inductor
current is:
IL(MAX) = IO(MAX) •
1
1
−DMAX
Then, the ripple current can be calculated by:
DIL =c •IL(MAX) =c •IO(MAX) •
1
1
-DMAX
The constant χ in the preceding equation represents the
percentage peak-to-peak ripple current in the inductor,
relative to IL(MAX).
The inductor ripple current has a direct effect on the choice
of inductor value. Choosing smaller values of ΔIL requires
large inductances and reduces the current loop gain (the
converter will approach voltage mode). Accepting larger
values of ΔIL provides fast transient response and allows
the use of low inductances, but results in higher input
current ripple and greater core losses. It is recommended
that χ falls within the range of 0.2 to 0.6.
The peak and RMS inductor current are:
IL(PEAK) = IL(MAX) •1+
χ
2
⎛
⎝
⎜
⎞
⎠
⎟
IL(RMS) = IL(MAX) •1+
χ2
12
The inductor used with the LT3759 should have a saturation
current rating appropriate to the maximum switch current
selected with the RSENSE resistor. Choose an inductor value
based on operating frequency, input and output voltage
to provide a current mode ramp on SENSE during the
switch on-time of approximately 10mV magnitude. The
following equation is useful to estimate the inductor value
for continuous conduction mode operation:
L
=
RSENSE •VIN(MIN)
0.01V • fOSC
•DMAX
Set the sense voltage at IL(PEAK) to be the minimum of the
SENSE current limit threshold with a 20% margin. The
sense resistor value can then be calculated to be:
RSENSE =
40mV
IL(PEAK)
Boost Converter: Power MOSFET Selection
Important parameters for the power MOSFET include the
drain-source voltage rating (VDS), the threshold voltage
(VGS(TH)), the on-resistance (RDS(ON)), the gate to source
and gate to drain charges (QGS and QGD), the maximum
drain current (ID(MAX)) and the MOSFET’s thermal resis-
tances (RθJC and RθJA).
The power MOSFET will see full output voltage, plus a
diode forward voltage, and any additional ringing across
its drain-to-source during its off-time. It is recommended
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com