Electronic Components Datasheet Search
  English  ▼

X  

LTC3872 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC3872
Description  Wide Input Voltage Range
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3872 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC3872 Datasheet HTML 24Page - Linear Technology LTC3872 Datasheet HTML 25Page - Linear Technology LTC3872 Datasheet HTML 26Page - Linear Technology LTC3872 Datasheet HTML 27Page - Linear Technology LTC3872 Datasheet HTML 28Page - Linear Technology LTC3872 Datasheet HTML 29Page - Linear Technology LTC3872 Datasheet HTML 30Page - Linear Technology LTC3872 Datasheet HTML 31Page - Linear Technology LTC3872 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LT3759
32
3759fb
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2011
LT 0412 REV B • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT3757
Boost, Flyback, SEPIC and Inverting
Controller
2.9V ≤ VIN ≤ 40V, Current Mode Control, 100kHz to 1MHz Programmable Operation
Frequency, 3mm × 3mm DFN-10 and MSOP-10E Packages
LT3758
Boost, Flyback, SEPIC and Inverting
Controller
5.5V ≤ VIN ≤ 100V, Current Mode Control, 100kHz to 1MHz Programmable Operation
Frequency, 3mm × 3mm DFN-10 and MSOP-10E Packages
LT3957
Boost, Flyback, SEPIC and Inverting
Converter with 5A, 40V Switch
3V ≤ VIN ≤ 40V, Current Mode Control, 100kHz to 1MHz Programmable Operation
Frequency, 5mm × 6mm QFN Package
LT3958
Boost, Flyback, SEPIC and Inverting
Converter with 3.3A, 84V Switch
5V ≤ VIN ≤ 80V, Current Mode Control, 100kHz to 1MHz Programmable Operation
Frequency, 5mm × 6mm QFN Package
LTC3872
No RSENSE Boost Controller
2.75V ≤ VIN ≤ 9.8V, TSOT-23 and 2mm × 3mm DFN-8
1.8V to 5V Input, –5V/2A Output Inverting Converter
Efficiency vs Output Current
SENSE
DRIVE
LT3759
VIN
VIN
1.8V TO 5V
CIN
47μF
10V
X5R
27.4k
300kHz
CDC
4.7μF ×2
25V, X5R
1μF
16V
X5R
GATE
FBX
GND INTVCC
EN/UVLO
SYNC
PGOOD
RT
SS
VC
L1B
3.3μH
L1A, 3.3μH
1:1
59k
124k
0.1μF
9.1k
10nF
5mΩ
0.5W
100k
TIE TO GND
IF NOT USED
CVCC
4.7μF
10V
X5R
VOUT
–5V
1A, 1.8V ≤ VIN ≤ 2.5V
2A, 2.5V < VIN ≤ 5V
COUT
100μF
6.3V, X5R
×2
3759 TA07a
D2
M1
D1
M1: VISHAY SILICONIX Si74116DY
L1A, L1B: COILTRONICS DRQ127-3R3
D1: VISHAY 6CWQ03FN
D2: PHILIPS PMEG2005EJ
84.5k
15.8k
OUTPUT CURRENT (A)
0
95
100
1.5
3759 TA07b
0.5
1
2.5
2
75
80
85
90
70
VIN = 5V
VIN = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com