Electronic Components Datasheet Search
  English  ▼

X  

LTC3872 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3872
Description  Wide Input Voltage Range
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3872 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3872 Datasheet HTML 2Page - Linear Technology LTC3872 Datasheet HTML 3Page - Linear Technology LTC3872 Datasheet HTML 4Page - Linear Technology LTC3872 Datasheet HTML 5Page - Linear Technology LTC3872 Datasheet HTML 6Page - Linear Technology LTC3872 Datasheet HTML 7Page - Linear Technology LTC3872 Datasheet HTML 8Page - Linear Technology LTC3872 Datasheet HTML 9Page - Linear Technology LTC3872 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LT3759
6
3759fb
TYPICAL PERFORMANCE CHARACTERISTICS
INTVCC vs Temperature
INTVCC Load Regulation
INTVCC Line Regulation
INTVCC Dropout Voltage
vs Current, Temperature
Gate Driver Rise and Fall Time
vs CL
Gate Driver Rise and Fall Time
vs INTVCC
EN/UVLO Threshold
vs Temperature
GATE Minimum On- and Off-Times
vs Temperature
EN/UVLO Hysteresis Current
vs Temperature
CL (nF)
0
70
60
50
40
30
20
15
12
3759 G17
10
6
3
9
0
RISE TIME
FALL TIME
INTVCC = 4.75V
INTCCC (V)
2
25
20
15
10
5
5
4
4.5
3759 G18
3
2.5
3.5
0
RISE TIME
FALL TIME
CL = 3300pF
TEMPERATURE (°C)
–75
1.27
1.25
1.23
1.21
1.19
1.17
0
150
3759 G10
–50 –25
25
50
75 100 125
EN/UVLO RISING
EN/UVLO FALLING
TEMPERATURE (°C)
–75
2.4
2.2
2.0
1.8
1.6
0
150
3759 G12
–50 –25
25
50
75 100 125
INTVCC LOAD (mA)
0
4.0
3.5
6.0
5.5
5.0
4.5
25
3759 G14
2.5
3.0
5
15
10
20
2.0
DRIVE LDO
VIN LDO (DRIVE = 0V)
INTVCC LOAD (mA)
0
200
400
300
25
3759 G16
100
5
15
10
20
0
VIN = 12V
DRIVE = 4V
150°C
25°C
–55°C
TEMPERATURE (°C)
–75
5.0
4.8
4.6
4.4
4.0
3.8
4.2
3.6
0
150
3759 G13
–50 –25
25
50
75 100 125
DRIVE LDO
VIN LDO
TA = 25°C, unless otherwise noted.
TEMPERATURE (°C)
–75
200
190
180
170
160
150
140
130
0
150
3759 G11
–50 –25
25
50
75 100 125
MINIMUM
OFF TIME
MINIMUM
ON TIME
VIN (V)
0
5.0
4.5
4.0
45
35
40
3759 G15
3.5
5
15
10
20
30
25
3.0
DRIVE LDO
VIN LDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com