Electronic Components Datasheet Search
  English  ▼

X  

LT3021 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3021
Description  3關A IQ, 20mA Low Dropout Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3021 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3021 Datasheet HTML 4Page - Linear Technology LT3021 Datasheet HTML 5Page - Linear Technology LT3021 Datasheet HTML 6Page - Linear Technology LT3021 Datasheet HTML 7Page - Linear Technology LT3021 Datasheet HTML 8Page - Linear Technology LT3021 Datasheet HTML 9Page - Linear Technology LT3021 Datasheet HTML 10Page - Linear Technology LT3021 Datasheet HTML 11Page - Linear Technology LT3021 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT3009 Series
8
3009fd
LOAD (mA)
0.001
1
10
100
1000
0.01
0.1
1
10
100
3009 G14
VIN = 3.8V
VOUT = 3.3V
GND Pin Current vs ILOAD
GND Pin Current
LT3009-5
GND Pin Current
LT3009-3.3
02
4
6
1
3
8
10
5
7
9
3009 G12
INPUT VOLTAGE (V)
RL = 165Ω, IL = 20mA
RL = 330Ω, IL = 10mA
RL = 3.3k, IL = 1mA
200
450
500
100
350
150
400
50
0
300
250
RL = 33k, IL = 100μA
0
200
450
2
4
6
100
350
150
400
50
0
300
250
1
3
8
10
5
7
9
3009 G13
INPUT VOLTAGE (V)
RL = 250Ω, IL = 20mA
RL = 500Ω, IL = 10mA
RL = 5k, IL = 1mA
RL = 50k, IL = 100μA
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
GND Pin Current
LT3009-1.5
0
200
450
500
2
4
6
100
350
150
400
50
0
300
250
1
3
8
10
5
7
9
3009 G32
INPUT VOLTAGE (V)
RL = 75Ω, IL = 20mA
RL = 150Ω, IL = 10mA
RL = 1.5k, IL = 1mA
RL = 15k, IL = 100μA
GND Pin Current
LT3009-1.8
0
200
450
500
2
4
6
100
350
150
400
50
0
300
250
1
3
8
10
5
7
9
3009 G11
INPUT VOLTAGE (V)
RL = 90Ω, IL = 20mA
RL = 180Ω, IL = 10mA
RL = 1.8k, IL = 1mA
RL = 18k, IL = 100μA
GND Pin Current
LT3009-2.5
0
200
450
500
2
4
6
100
350
150
400
50
0
300
250
1
3
8
10
5
7
9
3009 G33
INPUT VOLTAGE (V)
RL = 125Ω, IL = 20mA
RL = 250Ω, IL = 10mA
RL = 2.5k, IL = 1mA
RL = 25k, IL = 100μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com