Electronic Components Datasheet Search
  English  ▼

X  

LT3021 Datasheet(PDF) 20 Page - Linear Technology

Part # LT3021
Description  3關A IQ, 20mA Low Dropout Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3021 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT3021 Datasheet HTML 12Page - Linear Technology LT3021 Datasheet HTML 13Page - Linear Technology LT3021 Datasheet HTML 14Page - Linear Technology LT3021 Datasheet HTML 15Page - Linear Technology LT3021 Datasheet HTML 16Page - Linear Technology LT3021 Datasheet HTML 17Page - Linear Technology LT3021 Datasheet HTML 18Page - Linear Technology LT3021 Datasheet HTML 19Page - Linear Technology LT3021 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LT3009 Series
20
3009fd
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2007
LT 0412 REV D • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1761
100mA, Low Noise Micropower LDO
VIN: 1.8V to 20V, VOUT = 1.22V, VDO = 0.3V, IQ = 20μA, ISD < 1μA, Low Noise < 20μVRMS,
Stable with 1μF Ceramic Capacitors, ThinSOT
TM Package
LT1762
150mA, Low Noise Micropower LDO
VIN: 1.8V to 20V, VOUT = 1.22V, VDO = 0.3V, IQ = 25μA, ISD < 1μA, Low Noise < 20μVRMS,
MS8 Package
LT1763
500mA, Low Noise Micropower LDO
VIN: 1.8V to 20V, VOUT = 1.22V, VDO = 0.3V, IQ = 30μA, ISD < 1μA, Low Noise < 20μVRMS,
S8 Package
LT1764/LT1764A
3A, Low Noise, Fast Transient
Response LDOs
VIN: 2.7V to 20V, VOUT = 1.21V, VDO = 0.34V, IQ = 1mA, ISD < 1μA, Low Noise < 40μVRMS,
“A” Version Stable with Ceramic Capacitors, DD and TO220-5 Packages
LTC1844
150mA, Low Noise Micropower VLDO
VIN: 1.6V to 6.5V, VOUT(MIN) = 1.25V, VDO = 0.09V, IQ = 35μA, ISD < 1μA,
Low Noise: < 30μVRMS, ThinSOT Package
LT1962
300mA, Low Noise Micropower LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.27V, IQ = 30μA, ISD < 1μA,
Low Noise: < 20μVRMS, MS8 Package
LT1963/LT1963A
1.5A, Low Noise, Fast Transient
Response LDOs
VIN: 2.1V to 20V, VOUT(MIN) = 1.21V, VDO = 0.34V, IQ = 1mA, ISD < 1μA,
Low Noise: < 40μVRMS, “A” Version Stable with Ceramic Capacitors, DD, TO220-5,
SOT223 and S8 Packages
LT1964
200mA, Low Noise Micropower,
Negative LDO
VIN: –2.2V to –20V, VOUT(MIN) = 1.21V, VDO = 0.34V, IQ = 30μA, ISD = 3μA,
Low Noise: < 30μVRMS, Stable with Ceramic Capacitors,ThinSOT Package
LT3010
50mA, High Voltage, Micropower LDO
VIN: 3V to 80V, VOUT(MIN) = 1.275V, VDO = 0.3V, IQ = 30μA, ISD < 1μA,
Low Noise: < 100μVRMS, Stable with 1μF Output Capacitor, MS8E Package
LT3012/LT3012B
250mA, High Voltage, Micropower LDOs VIN: 4V to 80V, VOUT(MIN) = 1.24V, VDO = 0.4V, IQ = 40μA, ISD < 1μA,
Low Noise: <100μVRMS, Stable with 3.3μF Output Capacitor, 12-Lead 4mm × 3mm DFN
and 16-Lead FE Packages
LT3013/LT3013B
250mA, High Voltage, Micropower LDOs
with PWRGD
VIN: 4V to 80V, VOUT(MIN) = 1.22V, VDO = 0.4V, IQ = 40μA, ISD < 1μA,
Low Noise: < 100μVRMS, Stable with 3.3μF Output Capacitor,
12-Lead 4mm × 3mm DFN and 16-Lead FE Packages
LT3014/LT3014B
20mA, High Voltage, Micropower LDO
VIN: 3V to 80V, VOUT(MIN) = 1.2V, VDO = 0.35V, IQ = 7μA, ISD < 1μA,
Low Noise: < 100μVRMS, Stable with 0.47μF Output Capacitor, SOT23-5 and
3mm × 3mm DFN Packages
LT3020
100mA, Low Voltage VLDO
VIN: 0.9V to 10V, VOUT(MIN) = 0.20V, VDO = 0.15V, IQ = 120μA, ISD < 1μA, 3mm × 3mm DFN
and MS8 Packages
LT3021
500mA, Low Voltage VLDO
VIN: 0.9V to 10V, VOUT(MIN) = 0.20V, VDO = 0.16V, IQ = 120μA, ISD < 3μA, 5mm × 5mm DFN
and SO8 Packages
LT3023
Dual 100mA, Low Noise,
Micropower LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.30V, IQ = 40μA, ISD < 1μA, DFN and
MS10 Packages
LT3024
Dual 100mA/500mA, Low Noise,
Micropower LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.30V, IQ = 60μA, ISD < 1μA, DFN and TSSOP-
16E Packages
LTC3025
300mA, Low Voltage Micropower VLDO 45mV Dropout Voltage, Low Noise 110μVRMS, VIN = 1.14V to 5.5V, Low IQ: 54μA,
6-Lead 2mm × 2mm DFN Package
LTC3026
1.5A, Low Input Voltage VLDO
100mV Dropout Voltage, Low Noise 80μVRMS, VIN = 0.9V to 5.5V, Low IQ: 950μA,
10-Lead 3mm × 3mm DFN and MS10E Packages
LT3027
Dual 100mA, Low Noise, Micropower
LDO with Independent Inputs
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.30V, IQ = 40μA, ISD < 1μA, DFN and
MS10E Packages
LT3028
Dual 100mA/500mA, Low Noise,
Micropower LDO with Independent
Inputs
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.30V, IQ = 60μA, ISD < 1μA, DFN and
TSSOP-16E Packages
ThinSOT is a trademark of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com