Electronic Components Datasheet Search
  English  ▼

X  

LT3021 Datasheet(PDF) 10 Page - Linear Technology

Part # LT3021
Description  3關A IQ, 20mA Low Dropout Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3021 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3021 Datasheet HTML 6Page - Linear Technology LT3021 Datasheet HTML 7Page - Linear Technology LT3021 Datasheet HTML 8Page - Linear Technology LT3021 Datasheet HTML 9Page - Linear Technology LT3021 Datasheet HTML 10Page - Linear Technology LT3021 Datasheet HTML 11Page - Linear Technology LT3021 Datasheet HTML 12Page - Linear Technology LT3021 Datasheet HTML 13Page - Linear Technology LT3021 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT3009 Series
10
3009fd
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
Input Ripple Rejection
Load Regulation
Output Noise Spectral Density
RMS Output Noise vs Load
Current (10Hz to 100kHz)
Transient Response
Transient Response
–1.0
–0.5
0.5
0
1.0
1.5
2.0
2.5
3.0
TEMPERATURE (°C)
3009 G22
–50 –25
0
25
50
75
100 125 150
ΔIL = 1μA TO 20mA
VOUT = 600mV
VIN = 1.6V
0
10
30
20
40
50
60
70
80
TEMPERATURE (°C)
3009 G21
–50 –25
0
25
50
75
100 125 150
VIN = VOUT (NOMINAL) + 1V + 0.5VP-P
RIPPLE AT f = 120Hz
ILOAD = 20mA
ILOAD (mA)
0.001
500
600
700
10
3009 G24
400
300
0.01
0.1
1
100
200
100
0
600mV
1.8V
1.2V
1.5V
2.5V
3.3V
5V
FREQUENCY (Hz)
0.1
1
100
10
3009 G23
10
100
1k
10k
100k
5V
3.3V
2.5V
1.8V
1.5V
1.2V
1V
0.6V
500μs/DIV
VOUT
50mV/DIV
IOUT
20mA/DIV
3009 G25
IOUT = 1mA TO 20mA
VIN = 5.5V
VOUT = 5V
COUT = 1μF
500μs/DIV
VOUT
50mV/DIV
IOUT
20mA/DIV
3009 G26
IOUT = 1mA TO 20mA
VIN = 5.5V
VOUT = 5V
COUT = 4.7μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com