Electronic Components Datasheet Search
  English  ▼

X  

LT3971 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3971
Description  42V, 2.5A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3971 Datasheet(HTML) 1 Page - Linear Technology

  LT3971 Datasheet HTML 1Page - Linear Technology LT3971 Datasheet HTML 2Page - Linear Technology LT3971 Datasheet HTML 3Page - Linear Technology LT3971 Datasheet HTML 4Page - Linear Technology LT3971 Datasheet HTML 5Page - Linear Technology LT3971 Datasheet HTML 6Page - Linear Technology LT3971 Datasheet HTML 7Page - Linear Technology LT3971 Datasheet HTML 8Page - Linear Technology LT3971 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Electrical Specifications Subject to Change
LT8610
1
8610p
TYPICAL APPLICATION
FEATURES
DESCRIPTION
42V, 2.5A Synchronous
Step-Down Regulator
with 2.5µA Quiescent
Current
The LT®8610 is a compact, high efficiency, high speed
synchronous monolithic step-down switching regulator
that consumes only 2.5μA of quiescent current. Top and
bottom power switches are included with all necessary
circuitry to minimize the need for external components.
Low ripple Burst Mode operation enables high efficiency
down to very low output currents while keeping the output
ripple below 10mVP-P. A SYNC pin allows synchronization
to an external clock. Internal compensation with peak cur-
rent mode topology allows the use of small inductors and
results in fast transient response and good loop stability.
The EN/UV pin has an accurate 1V threshold and can be
used to program VIN undervoltage lockout or to shut down
the LT8610 reducing the input supply current to 1μA. A
capacitor on the TR/SS pin programs the output voltage
ramp rate during start-up. The PG flag signals when VOUT
is within ±9% of the programmed output voltage as well
as fault conditions. The LT8610 is available in a small
16-lead MSOP package with exposed pad for low thermal
resistance.
5V 2.5A Step-Down Converter
12VIN to 5VOUT Efficiency
APPLICATIONS
n
Wide Input Voltage Range: 3.4V to 42V
n
Ultralow Quiescent Current Burst Mode® Operation:
2.5μA IQ Regulating 12VIN to 3.3VOUT
Output Ripple < 10mVP-P
n
High Efficiency Synchronous Operation:
96% Efficiency at 1A, 5VOUT from 12VIN
94% Efficiency at 1A, 3.3VOUT from 12VIN
n
Fast Minimum Switch-On Time: 50ns
n
Low Dropout Under All Conditions: 200mV at 1A
n
Allows Use Of Small Inductors
n
Low EMI
n
Adjustable and Synchronizable: 200kHz to 2.2MHz
n
Current Mode Operation
n
Accurate 1V Enable Pin Threshold
n
Internal Compensation
n
Output Soft-Start and Tracking
n
Small Thermally Enhanced 16-Lead MSOP Package
n
Automotive and Industrial Supplies
n
General Purpose Step-Down
n
GSM Power Supplies
L, LT, LTC, LTM, Burst Mode, Linear Technology and the Linear logo are registered trademarks
of Linear Technology Corporation. All other trademarks are the property of their respective
owners.
BST
VIN
EN/UV
PG
SYNC
INTVCC
TR/SS
RT
SW
LT8610
GND
PGND
BIAS
8610 TA01a
FB
0.1μF
VOUT
5V
2.5A
4.7μF
VIN
5.5V TO 42V
1μF
10nF
10pF
4.7μH
1M
243k
fSW = 700kHz
60.4k
47μF
LOAD CURRENT (A)
0
80
90
100
2
8610 G01
70
60
75
85
95
65
55
50
0.5
1
1.5
2.5
VIN = 12V
VIN = 24V
fSW = 700kHz


Similar Part No. - LT3971

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3971 LINER-LT3971 Datasheet
311Kb / 24P
38V, 1.2A, 2MHz Step-Down Regulator with 2.8 Quiescent Current
LT3971 LINER-LT3971 Datasheet
2Mb / 28P
36V, 4A, 1.5MHz Synchronous Step-Down Switching Regulator
LT3971 LINER-LT3971 Datasheet
405Kb / 18P
Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LT3971 LINER-LT3971 Datasheet
289Kb / 24P
42V, 2.5A Synchronous Step-Down Regulator
LT3971 LINER-LT3971 Datasheet
269Kb / 26P
High Efficiency, 65V 500mA Synchronous
More results

Similar Description - LT3971

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25005 NSC-LM25005 Datasheet
760Kb / 21P
42V, 2.5A STEP-DOWN SWITCHING REGULATOR
LM25005 NSC-LM25005_06 Datasheet
414Kb / 22P
42V, 2.5A Step-Down Switching Regulator
logo
Linear Technology
LT8611 LINER-LT8611 Datasheet
289Kb / 24P
42V, 2.5A Synchronous Step-Down Regulator
LT8610 LINER-LT8610_15 Datasheet
306Kb / 22P
42V, 2.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610A LINER-LT8610A_15 Datasheet
378Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AB LINER-LT8610AB_15 Datasheet
378Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC LINER-LT8610AC_15 Datasheet
544Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC-1 LINER-LT8610AC-1_15 Datasheet
544Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8611 LINER-LT8611_15 Datasheet
350Kb / 24P
42V, 2.5A Synchronous Step-Down Regulator with Current Sense and 2.5A Quiescent Current
logo
Texas Instruments
LM25005 TI-LM25005_15 Datasheet
949Kb / 28P
LM25005 42V, 2.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com