Electronic Components Datasheet Search
  English  ▼

X  

LT3971 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3971
Description  42V, 2.5A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3971 Datasheet(HTML) 2 Page - Linear Technology

  LT3971 Datasheet HTML 1Page - Linear Technology LT3971 Datasheet HTML 2Page - Linear Technology LT3971 Datasheet HTML 3Page - Linear Technology LT3971 Datasheet HTML 4Page - Linear Technology LT3971 Datasheet HTML 5Page - Linear Technology LT3971 Datasheet HTML 6Page - Linear Technology LT3971 Datasheet HTML 7Page - Linear Technology LT3971 Datasheet HTML 8Page - Linear Technology LT3971 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT8610
2
8610p
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, EN/UV, PG..........................................................42V
BIAS..........................................................................30V
BST Pin Above SW Pin................................................4V
FB, TR/SS, RT, INTVCC ...............................................4V
SYNC Voltage .............................................................6V
Operating Junction Temperature Range (Note 2)
LT8610E................................................. –40 to 125°C
LT8610I.................................................. –40 to 125°C
Storage Temperature Range ......................–65 to 150°C
(Note 1)
1
2
3
4
5
6
7
8
SYNC
TR/SS
RT
EN/UV
VIN
VIN
PGND
PGND
16
15
14
13
12
11
10
9
FB
PG
BIAS
INTVCC
BST
SW
SW
SW
TOP VIEW
17
GND
MSE PACKAGE
16-LEAD PLASTIC MSOP
θJA = 40°C/W, θJC(PAD) = 10°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT8610EMSE#PBF
LT8610EMSE#TRPBF
8610
16-Lead Plastic MSOP
–40°C to 125°C
LT8610IMSE#PBF
LT8610IMSE#TRPBF
8610
16-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
l
2.9
3.4
V
VIN Quiescent Current
VEN/UV = 0V, VSYNC = 0V
l
1.0
1.0
3
8
μA
μA
VEN/UV = 2V, Not Switching, VSYNC = 0V
l
1.7
1.7
4
10
μA
μA
VEN/UV = 2V, Not Switching, VSYNC = 2V
0.24
0.5
mA
VIN Current in Regulation
VOUT = 0.97V, VIN = 6V, Output Load = 100μA
VOUT = 0.97V, VIN = 6V, Output Load = 1mA
l
l
24
210
50
350
μA
μA
Feedback Reference Voltage
VIN = 6V, ILOAD = 0.5A
VIN = 6V, ILOAD = 0.5A
l
0.967
0.958
0.970
0.970
0.973
0.982
V
V
Feedback Voltage Line Regulation
VIN = 4.0V to 42V, ILOAD = 0.5A
l
0.004
0.02
%/V
Feedback Pin Input Current
VFB = 1V
–20
20
nA
INTVCC Voltage
ILOAD = 0mA, VBIAS = 0V
ILOAD = 0mA, VBIAS = 3.3V
3.23
3.25
3.4
3.29
3.57
3.35
V
V
INTVCC Undervoltage Lockout
2.5
2.6
2.7
V
BIAS Pin Current Consumption
VBIAS = 3.3V, ILOAD = 1A, 2MHz
8.5
mA
Minimum On-Time
ILOAD = 1A, SYNC = 0V
ILOAD = 1A, SYNC = 3.3V
l
l
30
30
50
45
70
65
ns
ns
Minimum Off-Time
50
80
110
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com