Electronic Components Datasheet Search
  English  ▼

X  

LT5575 Datasheet(PDF) 19 Page - Linear Technology

Part # LT5575
Description  Dual 14-Bit 250Msps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5575 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT5575 Datasheet HTML 15Page - Linear Technology LT5575 Datasheet HTML 16Page - Linear Technology LT5575 Datasheet HTML 17Page - Linear Technology LT5575 Datasheet HTML 18Page - Linear Technology LT5575 Datasheet HTML 19Page - Linear Technology LT5575 Datasheet HTML 20Page - Linear Technology LT5575 Datasheet HTML 21Page - Linear Technology LT5575 Datasheet HTML 22Page - Linear Technology LT5575 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
19
21576514fa
LTC2157-14/
LTC2156-14/LTC2155-14
APPLICATIONS INFORMATION
Figure 5. Recommended Front-End Circuit for
Input Frequencies from 150MHz to 900MHz
Figure 6. Front-End Circuit Using a High
Speed Differential Amplifier
Amplifier Circuits
Figure 6 shows the analog input being driven by a high
speed differential amplifier. The output of the amplifier is
AC coupled to the A/D so the amplifier’s output common
mode voltage can be optimally set to minimize distortion.
At very high frequencies an RF gain block will often have
lower distortion than a differential amplifier. If the gain
block is single-ended, then a transformer circuit (Figures
3 and 5) should convert the signal to differential before
driving the A/D. The A/D cannot be driven single-ended.
Reference
The LTC2157-14/LTC2156-14/LTC2155-14 has an internal
1.25V voltage reference. For a 1.5V input range with in-
ternal reference, connect SENSE to VDD. For a 1.5V input
range with an external reference, apply a 1.25V reference
voltage to SENSE (Figure 7).
Encode Input
The signal quality of the encode inputs strongly affects
the A/D noise performance. The encode inputs should
be treated as analog signals—do not route them next to
digital traces on the circuit board.
The encode inputs are internally biased to 1.2V through
10k equivalent resistance (Figure 8). If the common mode
of the driver is within 1.1V to 1.5V, it is possible to drive
the encode inputs directly. Otherwise a transformer or
coupling capacitors are needed (Figures 9 and 10). The
maximum (peak) voltage of the input signal should never
exceed VDD +0.1V or go below –0.1V.
4.7Ω
4.7Ω
50Ω
50Ω
0.1μF
AIN
+
AIN
–
0.1μF
3pF
3pF
3pF
VCM
LTC2157-14
21576514 F06
INPUT
0.1μF
45Ω
45Ω
10Ω
100Ω
4.7Ω
4.7Ω
0.1μF
0.1μF
IN
0.1μF
0.1μF
T1: MABA
007159-000000
21576514 F05
LTC2157-14
AIN
+
AIN
–
VCM
Figure 7. Reference Circuit
Figure 8. Equivalent Encode Input Circuit
VDD
LTC2157-14
21576514 F08
1.2V
10k
ENC+
ENC–
SCALER/
BUFFER
VREF
2.2μF
SENSE
1.25V
LTC2157-14
21576514 F07
5Ω
ADC
REFERENCE
SENSE
DETECTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com