Electronic Components Datasheet Search
  English  ▼

X  

LT5575 Datasheet(PDF) 23 Page - Linear Technology

Part # LT5575
Description  Dual 14-Bit 250Msps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5575 Datasheet(HTML) 23 Page - Linear Technology

Back Button LT5575 Datasheet HTML 19Page - Linear Technology LT5575 Datasheet HTML 20Page - Linear Technology LT5575 Datasheet HTML 21Page - Linear Technology LT5575 Datasheet HTML 22Page - Linear Technology LT5575 Datasheet HTML 23Page - Linear Technology LT5575 Datasheet HTML 24Page - Linear Technology LT5575 Datasheet HTML 25Page - Linear Technology LT5575 Datasheet HTML 26Page - Linear Technology LT5575 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
23
21576514fa
LTC2157-14/
LTC2156-14/LTC2155-14
Alternate Bit Polarity
Another feature that may reduce digital feedback on the
circuit board is the alternate bit polarity mode. When this
mode is enabled, all of the odd bits (D1, D3, D5, D7, D9,
D11, D13) are inverted before the output buffers. The even
bits (D0, D2, D4, D6, D8, D10, D12), OF and CLKOUT are
not affected. This can reduce digital currents in the circuit
board ground plane and reduce digital noise, particularly
for very small analog input signals.
The digital output is decoded at the receiver by inverting
the odd bits (D1, D3, D5, D7, D9, D11, D13.) The alternate
bit polarity mode is independent of the digital output ran-
domizer—either both or neither function can be on at the
same time. The alternate bit polarity mode is enabled by
serially programming mode control register A4.
Digital Output Test Patterns
To allow in-circuit testing of the digital interface to the
A/D, there are several test modes that force the A/D data
outputs (OF, D13 to D0) to known values:
All 1s: All outputs are 1
All 0s: All outputs are 0
Alternating: Outputs change from all 1s to all 0s on
alternating samples
Checkerboard: Outputs change from 101010101010101
to 010101010101010 on alternating samples.
The digital output test patterns are enabled by serially
programming mode control register A4. When enabled,
the test patterns override all other formatting modes:
2’s complement, randomizer, alternate-bit polarity.
Output Disable
The digital outputs may be disabled by serially program-
ming mode control register A3. All digital outputs includ-
ing OF and CLKOUT are disabled. The high impedance
disabled state is intended for long periods of inactivity,
it is not designed for multiplexing the data bus between
multiple converters.
Sleep Mode
The A/D may be placed in sleep mode to conserve power.
In sleep mode the entire A/D converter is powered down,
resulting in < 5mW power consumption. If the encode
input signal is not disabled the power consumption will be
higher (up to 5mW at 250Msps). Sleep mode is enabled
by mode control register A1 (serial programming mode),
or by SCK (parallel programming mode).
In the serial programming mode it is also possible to dis-
able channel B while leaving channel A in normal operation.
The amount of time required to recover from sleep mode
depends on the size of the bypass capacitor on VREF . For
the suggested value in Figure 1, the A/D will stabilize after
0.1ms + 2500 • tp where tp is the period of the sampling
clock.
Nap Mode
In nap mode the A/D core is powered down while the
internal reference circuits stay active, allowing faster
wakeup. Recovering from nap mode requires at least 100
clock cycles. Nap mode is enabled by setting register A1
in the serial programming mode.
Wake-up time from nap mode is guaranteed only if the
clock is kept running, otherwise sleep mode Wake-up
conditions apply.
DEVICE PROGRAMMING MODES
The operating modes of the LTC215X-14 can be pro-
grammed by either a parallel interface or a simple serial
interface. The serial interface has more flexibility and
can program all available modes. The parallel interface
is more limited and can only program some of the more
commonly used modes.
Parallel Programming Mode
To use the parallel programming mode, PAR/SER should
be tied to VDD. The CS, SCK and SDI pins are binary logic
inputs that set certain operating modes. These pins can
be tied to VDD or ground, or driven by 1.8V, 2.5V, or 3.3V
CMOS logic. Table 2 shows the modes set by CS, SCK
and SDI.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com