Electronic Components Datasheet Search
  English  ▼

X  

LTC3880 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3880
Description  Dual, Fast, Accurate Step-Down DC/DC Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3880 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3880 Datasheet HTML 4Page - Linear Technology LTC3880 Datasheet HTML 5Page - Linear Technology LTC3880 Datasheet HTML 6Page - Linear Technology LTC3880 Datasheet HTML 7Page - Linear Technology LTC3880 Datasheet HTML 8Page - Linear Technology LTC3880 Datasheet HTML 9Page - Linear Technology LTC3880 Datasheet HTML 10Page - Linear Technology LTC3880 Datasheet HTML 11Page - Linear Technology LTC3880 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
LTC3838
8
3838fa
TYPICAL PERFORMANCE CHARACTERISTICS
CLKOUT/Switching Frequency
vs Input Voltage
CLKOUT/Switching Frequency
vs Temperature
tON(MIN) and tOFF(MIN)
vs VOUT (Voltage on SENSE– Pin)
tON(MIN) and tOFF(MIN)
vs Voltage on VIN Pin
tON(MIN) and tOFF(MIN)
vs Switching Frequency
Output Regulation
vs Input Voltage
Error Amplifier Transconductance
vs Temperature
Output Regulation
vs Load Current
Output Regulation
vs Temperature
VIN (V)
0
–0.2
–0.1
0
0.1
0.2
510
15
20
3838 G18
25
30
35
40
CHANNEL 1
CHANNEL 2
VOUT = 0.6V
ILOAD = 5A
VOUT NORMALIZED AT VIN = 15V
ILOAD (A)
0
0
0.1
8
3838 G19
–0.1
–0.2
2
4
6
10
0.2
CHANNEL 1
CHANNEL 2
VIN = 15V
VOUT = 0.6V
VOUT NORMALIZED AT ILOAD = 4A
TEMPERATURE (°C)
–50
–0.6
–0.4
–0.2
0
0.2
050
100
150
3838 G20
0.4
0.6
–25
25
75
125
CHANNEL 1
CHANNEL 2
VIN = 15V
VOUT = 0.6V
ILOAD = 0A
VOUT NORMALIZED AT TA = 25°C
VIN (V)
0
–2
–1
0
1
2
510
15
20
3838 G21
25
30
35
40
VOUT = 0.6V
ILOAD = 5A
f = 500kHz
FREQUENCY NORMALIZED AT VIN = 15V
TEMPERATURE (°C)
–50
–2
–1
0
1
2
–25
0
25
50
3838 G23
75
100 125 150
VIN = 15V, VOUT = 0.6V
ILOAD = 0A
f = 500kHz
FREQUENCY NORMALIZED AT TA = 25°C
VSENSE
– (V)
0
0
20
40
60
1
2
34
3838 G24
5
80
100
10
30
50
70
90
6
VIN = 38V
RT ADJUSTED FOR fCLKOUT = 2MHz
tOFF(MIN)
tON(MIN)
VIN (V)
0
0
20
40
60
5
10
15
20
3838 G25
35
30
25
80
100
10
30
50
70
90
40
VOUT = 0.6V
RT ADJUSTED FOR fCLKOUT = 2MHz
tOFF(MIN)
tON(MIN)
CLKOUT/SWITCHING FREQUENCY (kHz)
200
0
20
40
60
500
800
1100
1400
3838 G26
1700
80
100
10
30
50
70
90
2000
VIN = 38V
VOUT = 0.6V
tOFF(MIN)
tON(MIN)
TEMPERATURE (°C)
–50
1.50
1.55
1.60
1.65
1.70
050
100
150
3838 G27
1.75
1.80
–25
25
75
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com