Electronic Components Datasheet Search
  English  ▼

X  

LTC3880 Datasheet(PDF) 30 Page - Linear Technology

Part # LTC3880
Description  Dual, Fast, Accurate Step-Down DC/DC Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3880 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC3880 Datasheet HTML 26Page - Linear Technology LTC3880 Datasheet HTML 27Page - Linear Technology LTC3880 Datasheet HTML 28Page - Linear Technology LTC3880 Datasheet HTML 29Page - Linear Technology LTC3880 Datasheet HTML 30Page - Linear Technology LTC3880 Datasheet HTML 31Page - Linear Technology LTC3880 Datasheet HTML 32Page - Linear Technology LTC3880 Datasheet HTML 33Page - Linear Technology LTC3880 Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
LTC3838
30
3838fa
APPLICATIONS INFORMATION
When a channel is configured to soft-start by itself, a ca-
pacitor should be connected to its TRACK/SS pin. TRACK/
SS is pulled low until the RUN pin voltage exceeds 1.2V
and UVLO is released, at which point an internal current
of 1μA charges the soft-start capacitor, CSS, connected
to the TRACK/SS pin. Current-limit foldback is disabled
during this phase to ensure smooth soft-start or track-
ing. The soft-start or tracking range is defined to be the
voltage range from 0V to 0.6V on the TRACK/SS pin. The
total soft-start time can be calculated as:
tSS(SEC)= 0.6(V)•
CSS(µF)
1(µA)
When one particular channel is configured to track an
external supply, a voltage divider can be used from the
external supply to the TRACK/SS pin to scale the ramp
rate appropriately. Two common implementations are co-
incidental tracking and ratiometric tracking. For coincident
tracking, make the divider ratio from the external supply
the same as the divider ratio for the differential feedback
voltage. Ratiometric tracking could be achieved by using
a different ratio than the differential feedback.
Note that the 1μA soft-start capacitor charging current is
still flowing, producing a small offset error. To minimize
this error, select the tracking resistive divider values to be
small enough to make this offset error negligible.
The LTC3838 allows the user to program how its two
channels’ outputs track each other ramping up or down.
In the following discussions, VOUT1 refers to the LTC3838’s
output 1 as a master channel and VOUT2 refers to the
LTC3838’s output 2 as a slave channel. In practice though,
either channel can be used as the master.
By selecting different resistors, the LTC3838 can achieve
different modes of tracking including the two in Figure 9.
To implement the coincident tracking, connect an addi-
tional resistive divider to VOUT1 and connect its midpoint
to the TRACK/SS pin of the slave channel. The ratio of this
divider should be the same as that of the slave channel’s
feedback divider shown in Figure 9b. In this tracking mode,
Figure 9a. Two Different Modes of Output Tracking
Figure 9b. Setup for Coincident and Ratiometric Tracking
TIME
Coincident Tracking
VOUT1
VOUT2
VOUT1
VOUT2
TIME
3838 F09a
Ratiometric Tracking
RFB2(1)
RFB1(1)
RFB2(2)
RFB1(2)
RFB2(2)
VOUT2
RFB1(2)
Coincident Tracking Setup
TO
VOUTSENSE1+
PIN
TO
VOUTSENSE1–
PIN
TO
TRACK/SS2
PIN
TO
VFB2
PIN
VOUT1
RFB2(1)
RFB1(1)
RFB2(2)
VOUT2
RFB1(2)
3838 F09b
Ratiometric Tracking Setup
TO
VOUTSENSE1+
PIN
TO
VOUTSENSE1–
PIN
TO
TRACK/SS2
PIN
TO
VFB2
PIN
VOUT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com