Electronic Components Datasheet Search
  English  ▼

X  

LTC3880 Datasheet(PDF) 33 Page - Linear Technology

Part # LTC3880
Description  Dual, Fast, Accurate Step-Down DC/DC Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3880 Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC3880 Datasheet HTML 29Page - Linear Technology LTC3880 Datasheet HTML 30Page - Linear Technology LTC3880 Datasheet HTML 31Page - Linear Technology LTC3880 Datasheet HTML 32Page - Linear Technology LTC3880 Datasheet HTML 33Page - Linear Technology LTC3880 Datasheet HTML 34Page - Linear Technology LTC3880 Datasheet HTML 35Page - Linear Technology LTC3880 Datasheet HTML 36Page - Linear Technology LTC3880 Datasheet HTML 37Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
LTC3838
33
3838fa
APPLICATIONS INFORMATION
In continuous mode operation, the minimum on-time limit
imposes a minimum duty cycle of:
DMIN = f • tON(MIN)
where tON(MIN) is the effective minimum on-time for the
switching regulator. As the equation shows, reducing the
operating frequency will alleviate the minimum duty cycle
constraint. If the minimum on-time that LTC3838 can
provide is longer than the on-time required by the duty
cycle to maintain the switching frequency, the switching
frequency will have to decrease to maintain the duty cycle,
but the output voltage will still remain in regulation. This is
generally more preferable to skipping cycles and causing
larger ripple at the output, which is typically seen in fixed
frequency switching regulators.
The tON(MIN) curves in the Typical Performance Charac-
teristics are measured with minimum load on TG and
BG, at extreme cases of VIN = 38V, and/or VOUT = 0.6V,
and/or programmed f = 2MHz (i.e., RT = 18k). In applica-
tions with different VIN, VOUT and/or f, the tON(MIN) that
can be achieved will generally be larger. Also, to guarantee
frequency and phase locking at light load, sufficient margin
needs to be added to account for the dead times (tD(TG/BG)
+ tD(TG/BG) in the Electrical Characteristics).
For applications that require relatively low on-time, proper
caution has to be taken when choosing the power MOSFET.
If the gate of the MOSFET is not able to fully turn on due
to insufficient on-time, there could be significant heat dis-
sipation and efficiency loss as a result of larger RDS(ON).
This may even cause early failure of the power MOSFET.
The minimum off-time is the smallest duration of time
that the TG pin can be turned low and then immediately
turned back high. This minimum off-time includes the
time to turn on the BG (bottom gate) and turn it back off,
plus the dead-time delays from TG off to BG on and from
BG off to TG on. The minimum off-time that the LTC3838
can achieve is 90ns.
The effective minimum off-time of the switching regulator,
or the shortest period of time that the SW node can stay
low, can be different from this minimum off-time. The main
factor impacting the effective minimum off-time is the top
and bottom power MOSFETs’ electrical characteristics,
such as Qg and turn-on/off delays. These characteristics
can either extend or shorten the SW nodes’ effective
minimum off-time. Large size (high Qg) power MOSFETs
generally tend to increase the effective minimum off-time
due to longer gate charging and discharging times. On
the other hand, imbalances in turn-on and turn-off delays
could reduce the effective minimum off-time.
The minimum off-time limit imposes a maximum duty
cycle of:
DMAX = 1 – f • tOFF(MIN)
where tOFF(MIN) is the effective minimum off-time of the
switching regulator. Reducing the operating frequency can
alleviate the maximum duty cycle constraint.
Figure 11. Light Loading On-Time Extension for Forced
Continuous Mode Operation
DEAD-TIME
DELAYS
NEGATIVE
INDUCTOR
CURRENT
IN FCM
DURING BG-TG DEAD TIME,
NEGATIVE INDUCTOR CURRENT
WILL FLOW THROUGH TOP MOSFET’S
BODY DIODE TO PRECHARGE SW NODE
3838 F11
TG-SW
(VGS OF TOP
MOSFET)
BG
(VGS OF
BOTTOM
MOSFET)
IL
SW
0
VIN
+
–
IL
VIN
L
SW
DURING TG-BG DEAD TIME,
THE RATE OF SW NODE DISCHARGE
WILL DEPEND ON THE CAPACITANCE
ON THE SW NODE AND INDUCTOR
CURRENT MAGNITUDE
L
TOTAL CAPACITANCE
ON THE SW NODE
IL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com