Electronic Components Datasheet Search
  English  ▼

X  

LTC3532 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3532
Description  High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3532 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3532 Datasheet HTML 7Page - Linear Technology LTC3532 Datasheet HTML 8Page - Linear Technology LTC3532 Datasheet HTML 9Page - Linear Technology LTC3532 Datasheet HTML 10Page - Linear Technology LTC3532 Datasheet HTML 11Page - Linear Technology LTC3532 Datasheet HTML 12Page - Linear Technology LTC3532 Datasheet HTML 13Page - Linear Technology LTC3532 Datasheet HTML 14Page - Linear Technology LTC3532 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTC3780
11
3780fe
BLOCK DIAGRAM
–
+
–
+
BOOST2
INTVCC
VIN
TG2
BG2
BG1
RSENSE
PGND
FCB
FCB
INTVCC
INTVCC
INTVCC
ILIM
SW2
SW1
TG1
BOOST1
VOSENSE
ITH
VFB
0.86V
VOUT
0.80V
3780 BD
OV
EA
SHDN
RST
4(VFB)
RUN/
SS
BUCK
LOGIC
BOOST
LOGIC
SENSE+
SENSE–
–
+
IREV
–
+
ICMP
SLOPE
1.2V
4(VFB)
SS
1.2μA
100k
RUN
FCB
STBYMD
–
+
5.7V
6V
VIN
VIN
VREF
INTERNAL
SUPPLY
EXTVCC
INTVCC
SGND
+
6V
LDO
REG
–
+
CLK
0.86V
0.74V
VOSENSE
RLP
CLP
OSCILLATOR
PHASE DET
PLLFLTR
PLLIN
50k
FIN
PGOOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com