Electronic Components Datasheet Search
  English  ▼

X  

LTC3532 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC3532
Description  High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3532 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC3532 Datasheet HTML 20Page - Linear Technology LTC3532 Datasheet HTML 21Page - Linear Technology LTC3532 Datasheet HTML 22Page - Linear Technology LTC3532 Datasheet HTML 23Page - Linear Technology LTC3532 Datasheet HTML 24Page - Linear Technology LTC3532 Datasheet HTML 25Page - Linear Technology LTC3532 Datasheet HTML 26Page - Linear Technology LTC3532 Datasheet HTML 27Page - Linear Technology LTC3532 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LTC3780
24
3780fe
APPLICATIONS INFORMATION
• Use immediate vias to connect the components (in-
cluding the LTC3780’s SGND and PGND pins) to the
ground plane. Use several large vias for each power
component.
• Use planes for VIN and VOUT to maintain good voltage
filtering and to keep power losses low.
• Flood all unused areas on all layers with copper. Flooding
with copper will reduce the temperature rise of power
components. Connect the copper areas to any DC net
(VIN or GND).
• Segregate the signal and power grounds. All small-
signal components should return to the SGND pin at
one point, which is then tied to the PGND pin close to
the sources of switch B and switch C.
• Place switch B and switch C as close to the controller
as possible, keeping the PGND, BG and SW traces
short.
• Keep the high dV/dT SW1, SW2, BOOST1, BOOST2,
TG1 and TG2 nodes away from sensitive small-signal
nodes.
• The path formed by switch A, switch B, D1 and the CIN
capacitor should have short leads and PC trace lengths.
The path formed by switch C, switch D, D2 and the
COUT capacitor also should have short leads and PC
trace lengths.
• The output capacitor (–) terminals should be connected
as close as possible the (–) terminals of the input
capacitor.
• Connect the top driver boost capacitor CA closely to the
BOOST1 and SW1 pins. Connect the top driver boost
capacitor CB closely to the BOOST2 and SW2 pins.
• Connect the input capacitors CIN and output capacitors
COUT closely to the power MOSFETs. These capaci-
tors carry the MOSFET AC current in boost and buck
mode.
• Connect VOSENSE pin resistive dividers to the (+) termi-
nals of COUT and signal ground. A small VOSENSE bypass
capacitormaybeconnectedcloselytotheLTC3780SGND
pin. The R2 connection should not be along the high
current or noise paths, such as the input capacitors.
• RouteSENSE– andSENSE+ leadstogetherwithminimum
PC trace spacing. Avoid sense lines pass through noisy
area, such as switch nodes. The filter capacitor between
SENSE+ and SENSE– should be as close as possible
to the IC. Ensure accurate current sensing with Kelvin
connections at the SENSE resistor. One layout example
is shown in Figure 12.
• Connect the ITH pin compensation network close to the
IC, between ITH and the signal ground pins. The capaci-
tor helps to filter the effects of PCB noise and output
voltage ripple voltage from the compensation loop.
• Connect the INTVCC bypass capacitor, CVCC, close to the
IC, between the INTVCC and the power ground pins. This
capacitor carries the MOSFET drivers’ current peaks.
An additional 1μF ceramic capacitor placed immediately
next to the INTVCC and PGND pins can help improve
noise performance substantially.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com