Electronic Components Datasheet Search
  English  ▼

X  

LTC3532 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC3532
Description  High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3532 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC3532 Datasheet HTML 18Page - Linear Technology LTC3532 Datasheet HTML 19Page - Linear Technology LTC3532 Datasheet HTML 20Page - Linear Technology LTC3532 Datasheet HTML 21Page - Linear Technology LTC3532 Datasheet HTML 22Page - Linear Technology LTC3532 Datasheet HTML 23Page - Linear Technology LTC3532 Datasheet HTML 24Page - Linear Technology LTC3532 Datasheet HTML 25Page - Linear Technology LTC3532 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LTC3780
22
3780fe
APPLICATIONS INFORMATION
3. INTVCC current. This is the sum of the MOSFET driver
and control currents. This loss can be reduced by sup-
plying INTVCC current through the EXTVCC pin from a
high efficiency source, such as an output derived boost
network or alternate supply if available.
4. CIN and COUT loss. The input capacitor has the difficult
job of filtering the large RMS input current to the regula-
tor in buck mode. The output capacitor has the more
difficult job of filtering the large RMS output current
in boost mode. Both CIN and COUT are required to have
low ESR to minimize the AC I2R loss and sufficient
capacitance to prevent the RMS current from causing
additional upstream losses in fuses or batteries.
5. Other losses. Schottky diode D1 and D2 are respon-
sible for conduction losses during dead time and light
load conduction periods. Inductor core loss occurs
predominately at light loads. Switch C causes reverse
recovery current loss in boost mode.
When making adjustments to improve efficiency, the input
current is the best indicator of changes in efficiency. If you
make a change and the input current decreases, then the
efficiency has increased. If there is no change in input
current, then there is no change in efficiency.
Design Example
Asadesignexample,assumeVIN=5Vto18V(12Vnominal),
VOUT = 12V (5%), IOUT(MAX) = 5A and f = 400kHz.
Set the PLLFLTR pin at 2.4V for 400kHz operation. The
inductance value is chosen first based on a 30% ripple
current assumption. In buck mode, the ripple current is:
Δ=
⎛
⎝⎜
⎞
⎠⎟
I
V
fL
V
V
LBUCK
OUT
OUT
IN
,
1
IRIPPLE,BUCK =
ΔI
L,BUCK 100
IOUT
%
The highest value of ripple current occurs at the maximum
input voltage. In boost mode, the ripple current is:
Δ=
⎛
⎝⎜
⎞
⎠⎟
I
V
fL
V
V
L BOOST
IN
IN
OUT
,
1
IRIPPLE,BOOST =
ΔI
L,BOOST 100
IIN
%
The highest value of ripple current occurs at VIN = VOUT/2.
A 6.8μH inductor will produce 11% ripple in boost mode
(VIN = 6V) and 29% ripple in buck mode (VIN = 18V).
The RSENSE resistor value can be calculated by using the
maximum current sense voltage specification with some
accommodation for tolerances.
RSENSE =
2 160mV VIN(MIN)
2 IOUT(MAX,BOOST) VOUT +ΔIL,BOOST VIN(MIN)
Select an RSENSE of 10mΩ.
Output voltage is 12V. Select R1 as 20k. R2 is:
R2
=
VOUT •R1
0.8
–R1
Select R2 as 280k. Both R1 and R2 should have a toler-
ance of no more than 1%.
Next, choose the MOSFET switches. A suitable choice is
the Siliconix Si4840 (RDS(ON) = 0.009Ω (at VGS = 6V),
CRSS = 150pF, θJA = 40°C/W).
The maximum power dissipation of switch A occurs in
boost mode when switch A stays on all the time. Assum-
ing a junction temperature of TJ = 150°C with ρ150°C =
1.5, the power dissipation at VIN = 5V is:
PW
A BOOST
,
..
= ⎛
⎝⎜
⎞
⎠⎟
=
12
5
5
1 5 0 009 1 94
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com