Electronic Components Datasheet Search
  English  ▼

X  

LTC3869 Datasheet(PDF) 47 Page - Linear Technology

Part # LTC3869
Description  Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3869 Datasheet(HTML) 47 Page - Linear Technology

Back Button LTC3869 Datasheet HTML 42Page - Linear Technology LTC3869 Datasheet HTML 43Page - Linear Technology LTC3869 Datasheet HTML 44Page - Linear Technology LTC3869 Datasheet HTML 45Page - Linear Technology LTC3869 Datasheet HTML 46Page - Linear Technology LTC3869 Datasheet HTML 47Page - Linear Technology LTC3869 Datasheet HTML 48Page - Linear Technology LTC3869 Datasheet HTML 49Page - Linear Technology LTC3869 Datasheet HTML 50Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
LTC3839
47
3839fa
TYPICAL APPLICATIONS
Figure 20. 4.5V to 14V Input, 3.3V/25A Output, 2MHz, RSENSE, Step-Down Converter
3839 F20a
1nF
0.1μF
L2
0.3μH
DB2
MT2
MB2
LTC3839
2.2Ω
2.2Ω
45.3k
100k
33.2k
18.7k
VIN
1μF
1nF
4.7μF
0.1μF
0.01μF
150pF
L1
0.3μH
RS1
0.004Ω
RS2
0.004Ω
COUT1
100μF
6
VOUT
3.3V
25A
VIN
4.5V TO 14V
10k
SENSE1–
SENSE1+
BOOST1
TG1
SW1
SENSE2+
BOOST2
TG2
SW2
DRVCC1
INTVCC
DRVCC2
EXTVCC
DB1
SENSE2–
BG1
BG2
PGND
VOUTSENSE
+
VOUTSENSE
–
PGOOD
TRACK/SS
ITH
DTR
VRNG
SGND
RT
PGOOD
MB1
MT1
1μF
CIN2
22μF
4
CIN1
180μF
+
10Ω
10Ω
10Ω
10Ω
CIN1: SANYO 16SVP180MX
CIN2: MURATA GRM32ER61C226KE20L
COUT1, COUT2: MURATA GRM31CR60J107ME39L
DB1, DB2: CENTRAL CMDSH-3
L1, L2: WÜRTH 7443340030
MT1, MT2: INFINEON BSC050NE2LS
MB1, MB2: INFINEON BSC032NE2LS
PHASMD
MODE/PLLIN
CLKOUT
RUN
LOAD CURRENT (A)
0.1
80
90
100
1
10
100
3839 F20b
70
60
50
6
10
8
4
2
0
VIN = 12V
FORCED
CONTINUOUS
MODE
DISCONTINUOUS
MODE
LOSS
DCM
LOSS
FORCED
CM
LOAD CURRENT (A)
0.1
80
90
100
1
10
100
3839 F20c
70
60
50
6
10
8
4
2
0
VIN = 5V
FORCED
CONTINUOUS
MODE
LOSS
DCM
LOSS
FORCED CM
DISCONTINUOUS
MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com