Electronic Components Datasheet Search
  English  ▼

X  

LTC3855 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3855
Description  Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3855 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3855 Datasheet HTML 10Page - Linear Technology LTC3855 Datasheet HTML 11Page - Linear Technology LTC3855 Datasheet HTML 12Page - Linear Technology LTC3855 Datasheet HTML 13Page - Linear Technology LTC3855 Datasheet HTML 14Page - Linear Technology LTC3855 Datasheet HTML 15Page - Linear Technology LTC3855 Datasheet HTML 16Page - Linear Technology LTC3855 Datasheet HTML 17Page - Linear Technology LTC3855 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
LTC3839
14
3839fa
Power Good and Fault Protection
The PGOOD pin is connected to an internal open-drain
N-channel MOSFET. An external resistor or current
source can be used to pull this pin up to 6V (e.g., VOUT
or DRVCC). Overvoltage or undervoltage comparators
(OV, UV) turn on the MOSFET and pull the PGOOD pin low
when the feedback voltage is outside the ±7.5% window
of the 0.6V reference voltage. The PGOOD pin is also
pulled low when the RUN pin is below the 1.2V threshold
(hysteresis applies), or in undervoltage lockout (UVLO).
Note that feedback voltage is sensed differentially through
VOUTSENSE+ with respect to VOUTSENSE–.
When the feedback voltage is within the ±7.5% window,
the open-drain NMOS is turned off and the pin is pulled
up by the external source. The PGOOD pin will indicate
power good immediately after the feedback is within the
window. But when a feedback voltage of a channel goes
out of the window, there is an internal 50μs delay before
its PGOOD is pulled low. In an overvoltage (OV) condition,
MT is turned off and MB is turned on immediately without
delay and held on until the overvoltage condition clears.
Foldback current limiting is provided if the output is below
one-half of the regulated voltage, such as being shorted to
ground. As the feedback approaches 0V, the internal clamp
voltage for the ITH pin drops from 2.4V to around 1.3V,
which reduces the inductor valley current level to about
30% of its maximum value. Foldback current limiting is
disabled at start-up.
Frequency Selection and External Clock
Synchronization
An internal oscillator (clock generator) provides phase-
interleaved internal clock signals for individual channels
to lock up to. The switching frequency and phase of each
switching channel are independently controlled by adjust-
ing the top MOSFET turn-on time (on-time) through the
one-shot timer. This is achieved by sensing the phase
relationship between a top MOSFET turn-on signal and
its internal reference clock through a phase detector, and
the time interval of the one-shot timer is adjusted on a
cycle-by-cycle basis, so that the rising edge of the top
MOSFET turn-on is always trying to synchronize to the
internal reference clock signal for the respective channel.
The frequency of the internal oscillator can be programmed
from 200kHz to 2MHz by connecting a resistor, RT,fromthe
RT pin to signal ground (SGND). The RT pin is regulated
to 1.2V internally.
For applications with stringent frequency or interference
requirements, an external clock source connected to the
MODE/PLLIN pin can be used to synchronize the internal
clock signals through a clock phase-locked loop (Clock
PLL). The LTC3839 operates in forced continuous mode
of operation when it is synchronized to the external clock.
The external clock frequency has to be within ±30% of the
internal oscillator frequency for successful synchroniza-
tion. The clock input levels should be no less than 2V for
“high” and no greater than 0.5V for “low”. The MODE/
PLLIN pin has an internal 600k pull-down resistor.
OPERATION (Refer to Functional Diagram)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com