Electronic Components Datasheet Search
  English  ▼

X  

LTC3855 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3855
Description  Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3855 Datasheet(HTML) 3 Page - Linear Technology

  LTC3855 Datasheet HTML 1Page - Linear Technology LTC3855 Datasheet HTML 2Page - Linear Technology LTC3855 Datasheet HTML 3Page - Linear Technology LTC3855 Datasheet HTML 4Page - Linear Technology LTC3855 Datasheet HTML 5Page - Linear Technology LTC3855 Datasheet HTML 6Page - Linear Technology LTC3855 Datasheet HTML 7Page - Linear Technology LTC3855 Datasheet HTML 8Page - Linear Technology LTC3855 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
LTC3839
3
3839fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IVOUTSENSE+
VOUTSENSE+ Input Bias Current
VOUTSENSE+ – VOUTSENSE– = 0.6V
±5
±25
nA
IVOUTSENSE–
VOUTSENSE– Input Bias Current
VOUTSENSE+ – VOUTSENSE– = 0.6V
–25
–50
μA
gm(EA)
Error Amplifier Transconductance
ITH = 1.2V (Note 5)
1.7
mS
tON(MIN)1,2
Minimum Top Gate On-Time
VIN = 38V, VOUT = 0.6V, RT = 20k (Note 6)
30
ns
tOFF(MIN)1,2
Minimum Top Gate Off-Time
(Note 6)
90
ns
Current Sensing
VSENSE(MAX)1,2 Maximum Valley Current Sense Threshold
(VSENSE1,2+ – VSENSE1,2–)
VRNG = 2V, VFB = 0.57V, VSENSE– = 2.5V
VRNG = 0V, VFB = 0.57V, VSENSE– = 2.5V
VRNG = INTVCC, VFB = 0.57V, VSENSE– = 2.5V
l
l
l
80
21
39
100
30
50
120
40
61
mV
mV
mV
VSENSE(MIN)1,2 Minimum Valley Current Sense Threshold
(VSENSE1,2+ – VSENSE1,2–)
(Forced Continuous Mode)
VRNG = 2V, VFB = 0.63V, VSENSE– = 2.5V
VRNG = 0V, VFB = 0.63V, VSENSE– = 2.5V
VRNG = INTVCC, VFB = 0.63V, VSENSE– = 2.5V
–50
–15
–25
mV
mV
mV
ISENSE1,2+
SENSE1,2+ Pins Input Bias Current
VSENSE+ = 0.6V
VSENSE+ = 5V
±5
1
±50
±2
nA
μA
ISENSE1,2–
SENSE1,2– Pins Input Bias Current
(Internal 500k Resistor to SGND)
VSENSE– = 0.6V
VSENSE– = 5V
1.2
10
μA
μA
Start-Up and Shutdown
VRUN
RUN Pin On Threshold
VRUN Rising
l
1.1
1.2
1.3
V
RUN Pin On Hysteresis
VRUN Falling from On Threshold
100
mV
IRUN
RUN Pin Pull-Up Current when Off
RUN = SGND
2.5
μA
RUN Pin Pull-Up Current Hysteresis
(IRUN(ON) – IRUN(OFF))10
μA
UVLO
INTVCC Undervoltage Lockout
INTVCC Falling
INTVCC Rising
l
l
3.3
3.7
4.2
4.5
V
V
ITRACK/SS
Soft-Start Pull-Up Current
0V < TRACK/SS < 0.6V
1
μA
Frequency and Clock Synchronization
f
Clock Output Frequency
(Steady-State Switching Frequency)
RT = 205k
RT = 80.6k
RT = 18.2k
450
200
500
2000
550
kHz
kHz
kHz
Channel 2 Phase (Relative to Channel 1)
PHASMD = SGND
PHASMD = Floating
PHASMD = INTVCC
180
180
240
Deg
Deg
Deg
CLKOUT Phase (Relative to Channel 1)
PHASMD = SGND
PHASMD = Floating
PHASMD = INTVCC
60
90
120
Deg
Deg
Deg
VPLLIN(H)
Clock Input High Level Into MODE/PLLIN
2
V
VPLLIN(L)
Clock Input Low Level Into MODE/PLLIN
0.5
V
RMODE/PLLIN
MODE/PLLIN Input Resistance
With Respect to SGND
600
kΩ
Gate Drivers
RTG(UP)1,2
TG Driver Pull-Up On Resistance
TG High
2.5
Ω
RTG(DOWN)1,2
TG Driver Pull-Down On Resistance
TG Low
1.2
Ω
RBG(UP)1,2
BG Driver Pull-Up On Resistance
BG High
2.5
Ω
RBG(DOWN)1,2
BG Driver Pull-Down On Resistance
BG Low
0.8
Ω
tD(TG/BG)1,2
Top Gate Off to Bottom Gate On Delay Time (Note 6)
20
ns
tD(BG/TG)1,2
Bottom Gate Off to Top Gate On Delay Time (Note 6)
15
ns
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. VIN = 15V unless otherwise noted (Note 3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com