Electronic Components Datasheet Search
  English  ▼

X  

LTC3855 Datasheet(PDF) 33 Page - Linear Technology

Part # LTC3855
Description  Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3855 Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC3855 Datasheet HTML 29Page - Linear Technology LTC3855 Datasheet HTML 30Page - Linear Technology LTC3855 Datasheet HTML 31Page - Linear Technology LTC3855 Datasheet HTML 32Page - Linear Technology LTC3855 Datasheet HTML 33Page - Linear Technology LTC3855 Datasheet HTML 34Page - Linear Technology LTC3855 Datasheet HTML 35Page - Linear Technology LTC3855 Datasheet HTML 36Page - Linear Technology LTC3855 Datasheet HTML 37Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
LTC3839
33
3839fa
APPLICATIONS INFORMATION
If the bottom MOSFET could be turned off during the load-
release transient, the inductor current would flow through
the body diode of the bottom MOSFET, and the equation
can be modified to include the bottom MOSFET body
diode drop to become VL = –(VOUT + VBD). Obviously the
benefit increases as the output voltage gets lower, since
VBD would increase the sum significantly, compared to a
single VOUT only.
The load-release overshoot at VOUT causes the error ampli-
fier output, ITH, to drop quickly. ITH voltage is proportional
to the inductor current setpoint. A load transient will
result in a quick change of this load current setpoint, i.e.,
a negative spike of the first derivative of the ITH voltage.
The LTC3839 uses a detect transient (DTR) pin to monitor
the first derivative of the ITH voltage, and detect the load-
release transient. Referring to the Functional Diagram, the
DTR pin is the input of a DTR comparator, and the internal
reference voltage for the DTR comparator is half of INTVCC.
To use this pin for transient detection, ITH compensation
needs an additional RITH resistor tied to INTVCC, and con-
nects the junction point of ITH compensation components
CITH1, RITH1 and RITH2 to the DTR pin as shown in the
Functional Diagram. The DTR pin is now proportional to
the first derivative of the inductor current setpoint, through
the highpass filter of CITH1 and (RITH1//RITH2).
The two RITH resistors establish a voltage divider from
INTVCC to SGND, and bias the DC voltage on DTR pin (at
steady-state load or ITH voltage) slightly above half of
INTVCC. Compensation performance will be identical by
using the same CITH1 and make RITH1//RITH2 equal the
RITH as used in conventional single resistor OPTI-LOOP
compensation. This will also provide the R-C time constant
needed for the DTR duration. The DTR sensitivity can be
adjusted by the DC bias voltage difference between DTR
and half INTVCC. This difference could be set as low as
200mV, as long as the ITH ripple voltage with DC load
current does not trigger the DTR. Note the 5μA pull-up
current from the DTR pin will generate an additional offset
on top of the resistor divider itself, making the total dif-
ference between the DC bias voltage on the DTR pin and
half INTVCC:
VDTR(DC) – 0.5 • VINTVCC = [RITH1/(RITH1 + RITH2) – 0.5]
• 5.3V + 5μA • (RITH1//RITH2)
As illustrated in Figure 12, when load current suddenly
drops, VOUTovershoots,andITHdropsquickly.Thevoltage
on the DTR pin will also drop quickly, since it is coupled
to the ITH pin through a capacitor. If the load transient
is fast enough that the DTR voltage drops below half of
INTVCC, a load release event is detected. The bottom gate
(BG) will be turned off, so that the inductor current flows
through the body diode in the bottom MOSFET. This al-
lows the SW node to drop below PGND by a voltage of
a forward-conducted silicon diode. This creates a more
negative differential voltage (VSW – VOUT) across the
inductor, allowing the inductor current to drop at a faster
rate to zero, therefore creating less overshoot on VOUT.
Figure 12. Comparison of Detect Transient Load-Release (DTR) Feature Enabled and Disabled
SW
5V/DIV
BG
5V/DIV
DTR
1V/DIV
IL
10A/DIV
SW
5V/DIV
BG
5V/DIV
ITH
1V/DIV
IL
10A/DIV
5μs/DIV
DTR DETECTS LOAD
RELEASE, TURNS OFF BG
FOR FASTER INDUCTOR
CURRENT (IL) DECAY
VIN = 5V
VOUT = 0.6V
VIN = 5V
VOUT = 0.6V
(12a) DTR Enabled
5μs/DIV
3839 F12
(12b) DTR Disabled
BG TURNS BACK ON, INDUCTOR
CURRENT (IL) GOES NEGATIVE
BG REMAINS ON
DURING THE LOAD
RELEASE EVENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com