Electronic Components Datasheet Search
  English  ▼

X  

LTC1421 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1421
Description  Hot Swap Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1421 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1421 Datasheet HTML 8Page - Linear Technology LTC1421 Datasheet HTML 9Page - Linear Technology LTC1421 Datasheet HTML 10Page - Linear Technology LTC1421 Datasheet HTML 11Page - Linear Technology LTC1421 Datasheet HTML 12Page - Linear Technology LTC1421 Datasheet HTML 13Page - Linear Technology LTC1421 Datasheet HTML 14Page - Linear Technology LTC1421 Datasheet HTML 15Page - Linear Technology LTC1421 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
LTC4211
12
4211fb
BLOCK DIAGRAM
VREF
VREF
–
+
SLOW
COMP
50mV
150mV
0.2V
COMP7
M3
GLITCH FILTER
(SEE NOTE 1)
UVLO
–
+
FAST
COMP
300ns
DELAY
GLITCH FILTER
150μs
GLITCH FILTER
FUNCTION OF
OVERDRIVE
BG
VREF
0.2V
VREF = 1.236V
CB
TRIPS
OR UVLO
ON LOW
START-UP
CURRENT
REGULATOR
GATE
CHARGING
200μA
10μA
POWER BAD
CB TRIPS
VREF
10μA
6 (7)
GATE
7 (8)
SENSE
8 (9)
VCC
M1
CHARGE
PUMP
Z1
VZ (TYP) = 12V
M2
GND
4 (5)
FAULT
(10)
MS ONLY
–
+
COMP1
2
ON
5 (6)
4211 BD
FB
COMP2
–
+
–
+
COMP3
tTIMER
0.2V
VREF
COMP4
–
+
VREF
COMP5
NORMAL, RESET
NOTE 1: SET BY FILTER CAPACITOR FOR MS
20μs DEFAULT FOR MS8, S8
PIN NUMBERS FOR S8/MS8 (MS)
NORMAL
FAULT
TIMER
3 (4)
FILTER
(3)
MS ONLY
2μA
M6
M5
VCC
2μA
M4
VCC
10μA
LOGIC
RESET
1
COMP6
Z2
VZ (TYP) = 26V
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com