Electronic Components Datasheet Search
  English  ▼

X  

LTC1421 Datasheet(PDF) 40 Page - Linear Technology

Part # LTC1421
Description  Hot Swap Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1421 Datasheet(HTML) 40 Page - Linear Technology

Back Button LTC1421 Datasheet HTML 32Page - Linear Technology LTC1421 Datasheet HTML 33Page - Linear Technology LTC1421 Datasheet HTML 34Page - Linear Technology LTC1421 Datasheet HTML 35Page - Linear Technology LTC1421 Datasheet HTML 36Page - Linear Technology LTC1421 Datasheet HTML 37Page - Linear Technology LTC1421 Datasheet HTML 38Page - Linear Technology LTC1421 Datasheet HTML 39Page - Linear Technology LTC1421 Datasheet HTML 40Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 40 / 40 page
background image
LTC4211
40
4211fb
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2006
LT 0312 REV B • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
LOW COST OVERVOLTAGE PROTECTION
There is an alternative method to implementing the over-
voltage protection using a resistor divider at the FILTER
pin (see Figures 27 and 28). In this implementation, the
SLOW COMP is NULL in Normal Mode. Only the FAST
COMP circuit breaker is available and the current limit
level is 150mV/RSENSE. During the soft-cycle, the inrush
current servo loop is at 50mV/RSENSE. So, the heavy load
should only turn on at/after the end of second cycle where
the RESET pin goes high.
Figure 27. LTC4211MS High Side Overvoltage Protection Implementation
(In Normal Mode, SLOW COMP Is Disabled. In Soft-Start Cycle, ISOFTSTART Is Still 50mV/RSENSE)
Figure 28. LTC4211MS Low Side Overvoltage Protection Implementation
(In Normal Mode, SLOW COMP Is Disabled. In Soft-Start Cycle, ISOFTSTART Is Still 50mV/RSENSE)
1
2
3
4
5
10
9
8
7
6
FAULT
VCC
SENSE
GATE
FB
RESET
ON
FILTER
TIMER
GND
LTC4211
Q1
Si4410DY
R1
3.6k
VOUT
5V
5A
R2
750Ω
CLOAD
4211 F28
RSENSE
0.007Ω
+
R8
750Ω
CTIMER
10nF
LONG
5V
GND
FAULT
LONG
PCB EDGE
CONNECTOR
(MALE)
BACKPLANE
CONNECTOR
(FEMALE)
SHORT
SHORT
SHORT
RESET
ON/OFF
R7
10Ω
Z1*
C1
0.1μF
R4
10k
R6
10k
R5
10k
R3
10k
Z1 = 1SMA10A OR SMAJ10A
* OPTIONAL
PART NUMBER
DESCRIPTION
COMMENTS
LTC1421
Two Channels, Hot Swap Controller
24-Pin, Operates from 3V to 12V and Supports – 12V
LTC1422
Single Channel, Hot Swap Controller
8-Pin, Operates from 2.7V to 12V
LT1640AL/LT1640AH Negative Voltage Hot Swap Controller
8-Pin, Operates from –10V to –80V
LT1641-1/LT1641-2
Positive Voltage Hot Swap Controller
8-Pin, Operates from 9V to 80V, Latch-Off/Auto Retry
LTC1642
Single Channel, Hot Swap Controller
16-Pin, Overvoltage Protection to 33V
LTC1644
PCI Hot Swap Controller
16-Pin, 3.3V, 5V and ±12V, 1V Precharge, PCI Reset Logic
LTC1647
Dual Channel, Hot Swap Controller
8-Pin, 16-Pin, Operates from 2.7V to 16.5V
LTC4230
Triple Hot Swap Controller with Multifunction Current Control
Operates from 1.7V to 16.5V
1
2
3
4
5
10
9
8
7
6
FAULT
VCC
SENSE
GATE
FB
RESET
ON
FILTER
TIMER
GND
LTC4211
Q1
Si4410DY
R1
36k
VOUT
5V
5A
R2
15k
CLOAD
4211 F27
RSENSE
0.007Ω
+
CTIMER
10nF
LONG
5V
GND
FAULT
LONG
PCB EDGE
CONNECTOR
(MALE)
BACKPLANE
CONNECTOR
(FEMALE)
SHORT
SHORT
SHORT
RESET
ON/OFF
R3
10Ω
Z1*
C1
0.1μF
R5
10k
R6
10k
R8
4.3k
R7
10k
R9
750Ω
R4
10k
Z1 = 1SMA10A OR SMAJ10A
* OPTIONAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com