Electronic Components Datasheet Search
  English  ▼

X  

LTC1421 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1421
Description  Hot Swap Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1421 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1421 Datasheet HTML 13Page - Linear Technology LTC1421 Datasheet HTML 14Page - Linear Technology LTC1421 Datasheet HTML 15Page - Linear Technology LTC1421 Datasheet HTML 16Page - Linear Technology LTC1421 Datasheet HTML 17Page - Linear Technology LTC1421 Datasheet HTML 18Page - Linear Technology LTC1421 Datasheet HTML 19Page - Linear Technology LTC1421 Datasheet HTML 20Page - Linear Technology LTC1421 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
LTC4211
17
4211fb
OPERATION
SOFT-START WITH CURRENT LIMITING
During the second timing cycle, the inrush current was
described by Equation 4. Note that there is a one-to-one
correspondence in the inrush current to CLOAD.Iftheinrush
current is large enough to cause a voltage drop greater
than 50mV across the sense resistor, an internal servo
loop controls the operation of the 10μA current source at
the GATE pin to regulate the load current to:
ILIMIT(SOFTSTART) =
50mV
RSENSE
(6)
For example, the inrush current is limited to 5A when
RSENSE = 0.01Ω.
In this fashion, the inrush current is controlled and CLOAD
is charged up slowly during the soft-start cycle.
The timing diagram in Figure 7 illustrates the operation
of the LTC4211 in a normal power-up sequence with lim-
ited inrush current as described by Equation 6. At Time
Point 5, the GATE pin voltage begins to ramp and the power
MOSFET starts to charge CLOAD.AtTimePoint5A,theinrush
current causes a 50mV voltage drop across RSENSE and
the internal servo loop engages, limiting the inrush cur-
rent to a fixed level. At Time Point 6, the GATE pin voltage
continues to ramp as CLOAD charges until VOUT reaches its
final value. The charging current reduces, and the internal
servo loop disengages. At the end of the soft-start cycle
(Time Point 7), RESET is high and SLOW COMP is armed.
Figure 7. Normal Power-Up Sequence (with Current Limiting in Second Timing Cycle)
PLUG-IN CYCLE
FIRST TIMING CYCLE
TIMER
ON
VCC
12
3 4 5
6
7
8
9
RESET PULLED LOW DUE TO POWER BAD
10
200μA
4211 F07
2μA
2μA
VREF
10μA
GATE
VOUT
POWER BAD
VFB < VREF
5A
SLOW COMPARATOR ARMED
CHECK FOR GATE < 0.2V
FAST COMPARATOR ARMED
CHECK FOR FILTER LOW (<VREF – 80mV)
CHECK FOR
FAULT HIGH (>VREF + 50mV)
ON GOES LOW
GATE
VOUT
ILOAD
RESET
SOFT-START CYCLE
SECOND TIMING CYCLE
POWER GOOD
VFB > VREF
LOAD CURRENT IS
REGULATING AT 50mV/RSENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com