Electronic Components Datasheet Search
  English  ▼

X  

LT1640AL Datasheet(PDF) 15 Page - Linear Technology

Part # LT1640AL
Description  ??8V Hot Swap Controllers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1640AL Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1640AL Datasheet HTML 11Page - Linear Technology LT1640AL Datasheet HTML 12Page - Linear Technology LT1640AL Datasheet HTML 13Page - Linear Technology LT1640AL Datasheet HTML 14Page - Linear Technology LT1640AL Datasheet HTML 15Page - Linear Technology LT1640AL Datasheet HTML 16Page - Linear Technology LT1640AL Datasheet HTML 17Page - Linear Technology LT1640AL Datasheet HTML 18Page - Linear Technology LT1640AL Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
LTC4253/LTC4253A
15
425353afe
APPLICATIONS INFORMATION
An OV hysteretic comparator detects overvoltage condi-
tions at the OV pin, with the following thresholds:
OV low-to-high (VOVHI) = 6.150V
OV high-to-low (VOVLO) = 5.850V
The UV and OV trip point ratio is designed to match the
standard telecom operating range of 43V to 82V when
connected together as in the Typical Application. A resistive
divider is used to scale the supply voltage. Using 402k and
32.4k gives a typical operating range of 43.2V to 82.5V.
The undervoltage shutdown and overvoltage recovery
thresholds are then 39.2V and 78.4V. 1% divider resistors
are recommended to preserve threshold accuracy.
The resistive divider values shown set a standing current
of slightly more than 100μA and define an impedance at
UV/OV of 30kΩ. In most applications, 30kΩ impedance
coupled with 300mV UV hysteresis make the LTC4253
insensitive to noise. If more noise immunity is desired,
add a 1nF to 10nF filter capacitor from UV/OV to VEE.
pulse. To protect VIN against damage from higher am-
plitude spikes, clamp VIN to VEE with a 13V Zener diode.
Star connect VEE and all VEE-referred components to the
sense resistor Kelvin terminal as illustrated in Figure 3,
keeping trace lengths between VIN, CIN, DIN and VEE as
short as possible.
INTERNAL UNDERVOLTAGE LOCKOUT (UVLO)
A hysteretic comparator, UVLO, monitors VINforundervolt-
age. The thresholds are defined by VLKO and its hysteresis
VLKH. When VIN rises above VLKO, the chip is enabled;
below (VLKO – VLKH), it is disabled and GATE is pulled low.
The UVLO function at VIN should not be confused with the
UV and OV pins. These are completely separate functions.
UV/OV COMPARATORS (LTC4253)
A UV hysteretic comparator detects undervoltage condi-
tions at the UV pin, with the following thresholds:
UV low-to-high (VUVHI) = 3.225V
UV high-to-low (VUVLO) = 2.925V
Figure 3. –48V/2.5A Application for the LTC4253A
(Refer to Block Diagram)
R5
2.2k
R4
2.2k
R6
2.2k
PWRGD1
VIN
VEE
LTC4253A
POWER
MODULE 1
PWRGD2
PWRGD3
EN3
EN2
UV
OV
RESET
DRAIN
SS
GATE
SQTIMER
SENSE
TIMER
EN
POWER
MODULE 2
EN
POWER
MODULE 3
EN
RIN
10k
20k(1/4W)/2
PUSH
RESET
EN3
4253 F03
EN2
RC
10Ω
RD 1M
RS
0.02Ω
Q1
IRF530S
Q2
FZT857
VIN1
CC
10nF
CT
0.68μF
C1
10nF
CSQ
0.1μF
CSS 33nF
R7
POWER
MODULE 1
OUTPUT
POWER
MODULE 2
OUTPUT
VIN1
R8
+
CL
100μF
CIN
1μF
R1
30.1k
1%
R2
392k
1%
R9
47k
R3 22k
VIN1
††
†
†
†
– 48V RTN
(SHORT PIN)
– 48V RTN
(LONG PIN)
– 48V
(LONG PIN)
DIN
††
DDZ13B*
*DIODES, INC.
†MOC207
††RECOMMENDED FOR HARSH ENVIRONMENTS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com