Electronic Components Datasheet Search
  English  ▼

X  

LT1640AL Datasheet(PDF) 19 Page - Linear Technology

Part # LT1640AL
Description  ??8V Hot Swap Controllers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1640AL Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1640AL Datasheet HTML 15Page - Linear Technology LT1640AL Datasheet HTML 16Page - Linear Technology LT1640AL Datasheet HTML 17Page - Linear Technology LT1640AL Datasheet HTML 18Page - Linear Technology LT1640AL Datasheet HTML 19Page - Linear Technology LT1640AL Datasheet HTML 20Page - Linear Technology LT1640AL Datasheet HTML 21Page - Linear Technology LT1640AL Datasheet HTML 22Page - Linear Technology LT1640AL Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
LTC4253/LTC4253A
19
425353afe
APPLICATIONS INFORMATION
TIMER commences charging CT (trace 4) while the analog
current limit loop maintains the fault current at 100mV/RS,
which in this case is 5A (trace 2). Note that the backplane
voltage (trace 1) sags under load. Timer pull-up is accel-
erated by VOUT. When CT reaches 4V, GATE turns off, the
PWRGD signals pull high, the load current drops to zero
and the backplane rings up to over 100V. The transient
associated with the GATE turn-off can be controlled with
a snubber to reduce ringing and a transient voltage sup-
pressor (such as Diodes Inc. SMAT70A) to clip off large
spikes. The choice of RC for the snubber is usually done
experimentally. The value of the snubber capacitor is usu-
ally chosen between 10 to 100 times the MOSFET COSS.
The value of the snubber resistor is typically between 3Ω
to 100Ω.
A low impedance short on one card may influence the
behavior of others sharing the same backplane. The ini-
tial glitch and backplane sag as seen in Figure 5 trace 1,
can rob charge from output capacitors on the adjacent
card. When the faulty card shuts down, current flows in
to refresh the capacitors. If LTC4253/LTC4253A are used
by the other cards, they respond by limiting the inrush
current to a value of VACL/RS. If CT is sized correctly, the
capacitors will recharge long before CT times out.
Figure 5. Output Short-Circuit Behavior of LTC4253
Sense
The SENSE pin is monitored by the circuit breaker (CB)
comparator, the analog current limit (ACL) amplifier, and
the fast current limit (FCL) comparator. Each of these three
measures the potential of SENSE relative to VEE. When
SENSE exceeds 50mV, the CB comparator activates the
200μA TIMER pull-up. At 100mV (60mV for the LTC4253A)
the ACL amplifier servos the MOSFET current, and at
200mV the FCL comparator abruptly pulls GATE low in
an attempt to bring the MOSFET current under control. If
any of these conditions persists long enough for TIMER to
charge CT to 4V (see Equation 3), the LTC4253/LTC4253A
shut down and pull GATE low.
If the SENSE pin encounters a voltage greater than VACL,
the ACL amplifier will servo GATE downwards in an attempt
to control the MOSFET current. Since GATE overdrives the
MOSFET in normal operation, the ACL amplifier needs time
to discharge GATE to the threshold of the MOSFET. For a
mild overload the ACL amplifier can control the MOSFET
current, but in the event of a severe overload the current
may overshoot. At SENSE = 200mV the FCL comparator
takes over, quickly discharging the GATE pin to near VEE
potential. FCL then releases, and the ACL amplifier takes
over. All the while TIMER is running. The effect of FCL is
to add a nonlinear response to the control loop in favor
of reducing MOSFET current.
Owing to inductive effects in the system, FCL typically
overcorrects the current limit loop, and GATE undershoots.
A zero in the loop (resistor RC in series with the gate
capacitor) helps the ACL amplifier to recover.
SHORT-CIRCUIT OPERATION
Circuit behavior arising from a load side low impedance
short is shown in Figure 5. Initially the current overshoots
the analog current limit level of VSENSE = 200mV (trace 2)
as the GATE pin works to bring VGS under control (trace 3).
The overshoot glitches the backplane in the negative direc-
tion and when the current is reduced to 100mV/RS, the
backplane responds by glitching in the positive direction.
GATE
0.5ms
10V
SENSE
0.5ms
200mV
–48RTN
0.5ms
50V
TIMER
0.5ms
5V
4253 F05
SUPPLY RING OWING
TO CURRENT OVERSHOOT
SUPPLY RING OWING
TO MOSFET TURN-OFF
ONSET OF OUTPUT
SHORT-CIRCUIT
FAST CURRENT
LIMIT
CTIMER RAMP
LATCH OFF
TRACE 1
TRACE 2
TRACE 3
TRACE 4
ANALOG
CURRENT LIMIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com