Electronic Components Datasheet Search
  English  ▼

X  

LT4250 Datasheet(PDF) 19 Page - Linear Technology

Part # LT4250
Description  Negative Voltage Hot Swap Controllers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4250 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT4250 Datasheet HTML 15Page - Linear Technology LT4250 Datasheet HTML 16Page - Linear Technology LT4250 Datasheet HTML 17Page - Linear Technology LT4250 Datasheet HTML 18Page - Linear Technology LT4250 Datasheet HTML 19Page - Linear Technology LT4250 Datasheet HTML 20Page - Linear Technology LT4250 Datasheet HTML 21Page - Linear Technology LT4250 Datasheet HTML 22Page - Linear Technology LT4250 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
LTC4252-1/LTC4252-2
LTC4252A-1/LTC4252A-2
19
425212fd
APPLICATIONS INFORMATION
A low impedance short on one card may influence the
behavior of others sharing the same backplane. The initial
glitch and backplane sag as seen in Figure 6 Trace 1, can
rob charge from output capacitors on adjacent cards.
When the faulty card shuts down, current flows in to
refresh the capacitors. If LTC4252s are used by the other
cards, they respond by limiting the inrush current to a
value of 100mV/RS. If CT is sized correctly, the capacitors
will recharge long before CT times out.
POWER GOOD, PWRGD
PWRGD latches low if GATE charges up to within 2.8V of
VIN and DRAIN pulls below VDRNL during start-up. PWRGD
is reset in UVLO, in a UV condition or if CT charges up
to 4V. An overvoltage condition has no effect on PWRGD
status. A 58μA current pulls this pin high during reset.
Due to voltage transients between the power module and
PWRGD,optoisolationisrecommended.Thispinprovides
sufficent drive for an optocoupler. Figure 19 shows an
alternative NPN configuration with a limiting base resistor
for the PWRGD interface. The module enable input should
have protection from the negative input current.
MOSFET SELECTION
The external MOSFET switch must have adequate safe
operating area (SOA) to handle short-circuit conditions
until TIMER times out. These considerations take prece-
dence over DC current ratings. A MOSFET with adequate
SOA for a given application can always handle the required
current, but the opposite may not be true. Consult the
manufacturer’s MOSFET data sheet for safe operating
area and effective transient thermal impedance curves.
MOSFET selection is a 3-step process by assuming the
absense of a soft-start capacitor. First, RS is calculated
and then the time required to charge the load capacitance
is determined. This timing, along with the maximum
short-circuit current and maximum input voltage defines
an operating point that is checked against the MOSFET’s
SOA curve.
To begin a design, first specify the required load current
and Ioad capacitance, IL and CL. The circuit breaker cur-
rent trip point (VCB/RS) should be set to accommodate
the maximum load current. Note that maximum input
current to a DC/DC converter is expected at VSUPPLY(MIN).
RS is given by:
RS =
VCB(MIN)
IL(MAX)
(8)
where VCB(MIN) = 40mV (45mV for LTC4252A) represents
the guaranteed minimum circuit breaker threshold.
During the initial charging process, the LTC4252 may oper-
ate the MOSFET in current limit, forcing (VACL) between
80mV to 120mV (VACL is 54mV to 66mV for LTC4252A)
across RS. The minimum inrush current is given by:
IINRUSH(MIN)=
80mV
RS
(9)
Maximum short-circuit current limit is calculated using
the maximum VACL. This gives
ISHORTCIRCUIT(MAX)=
120mV
RS
(10)
The TIMER capacitor CT must be selected based on the
slowest expected charging rate; otherwise TIMER might
time out before the load capacitor is fully charged. A value
for CT is calculated based on the maximum time it takes
the load capacitor to charge. That time is given by:
tCL(CHARGE) =
C• V
I
=
CL •VSUPPLY(MAX)
IINRUSH(MIN)
(11)
The maximum current flowing in the DRAIN pin is given by:
IDRN(MAX) =
V SUPPLY(MAX)–VDRNCL
RD
(12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com