Electronic Components Datasheet Search
  English  ▼

X  

LT4250 Datasheet(PDF) 28 Page - Linear Technology

Part # LT4250
Description  Negative Voltage Hot Swap Controllers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4250 Datasheet(HTML) 28 Page - Linear Technology

Back Button LT4250 Datasheet HTML 24Page - Linear Technology LT4250 Datasheet HTML 25Page - Linear Technology LT4250 Datasheet HTML 26Page - Linear Technology LT4250 Datasheet HTML 27Page - Linear Technology LT4250 Datasheet HTML 28Page - Linear Technology LT4250 Datasheet HTML 29Page - Linear Technology LT4250 Datasheet HTML 30Page - Linear Technology LT4250 Datasheet HTML 31Page - Linear Technology LT4250 Datasheet HTML 32Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
LTC4252-1/LTC4252-2
LTC4252A-1/LTC4252A-2
28
425212fd
APPLICATIONS INFORMATION
Analog Current Limit and Fast Current Limit
In Figure 17a, when SENSE exceeds VACL, GATE is
regulated by the analog current limit amplifier loop. When
SENSE drops below VACL, GATE is allowed to pull up. In
Figure 17b, when a severe fault occurs, SENSE exceeds
VFCL and GATE immediately pulls down until the analog
current amplifier establishes control. If the severe fault
causes VOUT to exceed VDRNCL, the DRAIN pin is clamped
at VDRNCL. IDRN flows into the DRAIN pin and is multiplied
by 8. This extra current is added to the TIMER pull-up
current of 230μA. This accelerated TIMER current of
[230μA+8 • IDRN] produces a shorter circuit breaker fault
delay. Careful selection of CT, RD and MOSFET can help
prevent SOA damage in a low impedance fault condition.
Soft-Start
If the SS pin is not connected, this pin defaults to a linear
voltage ramp, from 0V to 2.2V in about 180μs (or 0V to
1.4V in 230μs for the LTC4252A) at GATE start-up, as
shown in Figure 18a. If a soft-start capacitor, CSS, is con-
nected to this SS pin, the soft-start response is modified
from a linear ramp to an RC response (Equation 6), as
shown in Figure 18b. This feature allows load current to
slowly ramp-up at GATE start-up. Soft-start is initiated at
time point 3 by a TIMER transition from VTMRH to VTMRL
(time points 1 to 2) or by the OV pin falling below the
VOVLO threshold after an OV condition. When the SS pin
is below 0.2V, the analog current limit amplifier holds
GATE low. Above 0.2V, GATE is released and 58μA ramps
up the compensation network and GATE capacitance at
time point 4. Meanwhile, the SS pin voltage continues to
ramp up. When GATE reaches the MOSFET’s threshold,
the MOSFET begins to conduct. Due to the MOSFET’s high
gm, the MOSFET current quickly reaches the soft-start
control value of VACL(t) (Equation 7). At time point 6, the
GATE voltage is controlled by the current limit amplifier.
The soft-start control voltage reaches the circuit breaker
voltage, VCB, at time point 7 and the circuit breaker TIMER
activates. As the load capacitor nears full charge, load
TIMER
GATE
SENSE
VOUT
VACL
VCB
SS
DRAIN
VTMRH
DRN
425212 F17
PWRGD
5.8μA
5.8μA
TIMER
GATE
SENSE
VOUT
VACL
VCB
VFCL
SS
DRAIN
VTMRH
VDRNCL
DRN
PWRGD
12
14
3
2
CB TIMES OUT
Figure 17. Current Limit Behavior (All Waveforms Are Referenced to VEE)
(17a) Analog Current Limit Fault
(17b) Fast Current Limit Fault



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com