Electronic Components Datasheet Search
  English  ▼

X  

LT4250 Datasheet(PDF) 2 Page - Linear Technology

Part # LT4250
Description  Negative Voltage Hot Swap Controllers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4250 Datasheet(HTML) 2 Page - Linear Technology

  LT4250 Datasheet HTML 1Page - Linear Technology LT4250 Datasheet HTML 2Page - Linear Technology LT4250 Datasheet HTML 3Page - Linear Technology LT4250 Datasheet HTML 4Page - Linear Technology LT4250 Datasheet HTML 5Page - Linear Technology LT4250 Datasheet HTML 6Page - Linear Technology LT4250 Datasheet HTML 7Page - Linear Technology LT4250 Datasheet HTML 8Page - Linear Technology LT4250 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LTC4252-1/LTC4252-2
LTC4252A-1/LTC4252A-2
2
425212fd
ABSOLUTE MAXIMUM RATINGS
Current into VIN (100μs Pulse) .............................100mA
VIN, DRAIN Pin Minimum Voltage........................ – 0.3V
Input/Output Pins
(Except SENSE and DRAIN) Voltage .......... –0.3V to 16V
SENSE Pin Voltage.................................... –0.6V to 16V
Current Out of SENSE Pin (20μs Pulse) .......... –200mA
Current into DRAIN Pin (100μs Pulse) ...................20mA
Maximum Junction Temperature .......................... 125°C
All Voltages Referred to VEE (Note 1)
1
2
3
4
8
7
6
5
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
VIN
SS
SENSE
VEE
TIMER
UV/OV
DRAIN
GATE
TJMAX = 125°C, θJA = 160°C/W
1
2
3
4
5
VIN
PWRGD
SS
SENSE
VEE
10
9
8
7
6
TIMER
UV
OV
DRAIN
GATE
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 160°C/W
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4252-1CMS8
LTC4252-1CMS8#TRPBF
LTWM
8-Lead Plastic MSOP
0°C to 70°C
LTC4252-2CMS8
LTC4252-2CMS8#TRPBF
LTWP
8-Lead Plastic MSOP
0°C to 70°C
LTC4252-1IMS8
LTC4252-1IMS8#TRPBF
LTRQ
8-Lead Plastic MSOP
–40°C to 85°C
LTC4252-2IMS8
LTC4252-2IMS8#TRPBF
LTRR
8-Lead Plastic MSOP
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4252-1CMS
LTC4252-1CMS#TR
LTWN
10-Lead Plastic MSOP
0°C to 70°C
LTC4252-2CMS
LTC4252-2CMS#TR
LTWQ
10-Lead Plastic MSOP
0°C to 70°C
LTC4252A-1CMS
LTC4252A-1CMS#TR
LTAFX
10-Lead Plastic MSOP
0°C to 70°C
LTC4252A-2CMS
LTC4252A-2CMS#TR
LTAGE
10-Lead Plastic MSOP
0°C to 70°C
LTC4252-1IMS
LTC4252-1IMS#TR
LTRS
10-Lead Plastic MSOP
–40°C to 85°C
LTC4252-2IMS
LTC4252-2IMS#TR
LTRT
10-Lead Plastic MSOP
–40°C to 85°C
LTC4252A-1IMS
LTC4252A-1IMS#TR
LTAFY
10-Lead Plastic MSOP
–40°C to 85°C
LTC4252A-2IMS
LTC4252A-2IMS#TR
LTAGF
10-Lead Plastic MSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Operating Temperature Range
LTC4252-1C/LTC4252-2C
LTC4252A-1C/LTC4252A-2C .................... 0°C to 70°C
LTC4252-1I/LTC4252-2I
LTC4252A-1I/LTC4252A-2I ................. –40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)................... 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com