Electronic Components Datasheet Search
  English  ▼

X  

LT4250 Datasheet(PDF) 28 Page - Linear Technology

Part # LT4250
Description  ??8V Hot Swap Controllers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4250 Datasheet(HTML) 28 Page - Linear Technology

Back Button LT4250 Datasheet HTML 24Page - Linear Technology LT4250 Datasheet HTML 25Page - Linear Technology LT4250 Datasheet HTML 26Page - Linear Technology LT4250 Datasheet HTML 27Page - Linear Technology LT4250 Datasheet HTML 28Page - Linear Technology LT4250 Datasheet HTML 29Page - Linear Technology LT4250 Datasheet HTML 30Page - Linear Technology LT4250 Datasheet HTML 31Page - Linear Technology LT4250 Datasheet HTML 32Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
LTC4253/LTC4253A
28
425353afe
APPLICATIONS INFORMATION
Resetting a Fault Latch
A latched circuit breaker fault of the LTC4253/LTC4253A
has the benefit of a long cooling time. The latched fault can
be reset by pulsing the RESET pin high until the TIMER pin
is pulled below VTMRL(1V) as shown in Figure 13b. After
the RESET pulse, SS and GATE ramp up without an initial
timing cycle provided the interlock conditions are satisfied.
Alternative methods of reset include using an external
switch to pulse the UV pin below VUVLO (VUV – VUVHST
for the LTC4253A) or the VIN pin below (VLKO – VLKH).
Pulling the TIMER pin below VTMRL and the SS pin to 0V
then simultaneously releasing them also achieves a reset.
An initial timing cycle is generated for reset by pulsing the
UV pin or VIN pin, while no initial timing cycle is generated
for reset by pulsing of the TIMER and SS pins.
Using Reset as an ON/OFF Switch
The asynchronous RESET pin can be used as an ON/OFF
function to cut off supply to the external power modules
or loads controlled by the LTC4253/LTC4253A. Pulling
RESET high will pull GATE, SS, TIMER and SQTIMER
low and the PWRGD signal high. The supply is fully cut
off if the RESET pulse is maintained wide enough to fully
discharge the GATE and SS pins. As long as RESET is
high, GATE, SS, TIMER and SQTIMER are strapped to VEE
and the supply is cut off. When RESET is released, if the
LTC4253/LTC4253A are in UVLO, UV, OV or VSENSE > VCB,
turn-on is delayed until the interlock conditions are met
before recovering as described in the Operation, Interlock
Conditions section. If not, the GATE pin will ramp up in a
soft start cycle without going through an initial cycle as
in Figure 13c.
Analog Current Limit and Fast Current Limit
In Figure 14a, when SENSE exceeds VACL,GATEisregulated
by the analog current limit amplifier loop. When SENSE
drops below VACL, GATE is allowed to pull up. In Figure 14b,
when a severe fault occurs, SENSE exceeds VFCL and GATE
immediately pulls down until the analog current amplifier
establishes control. If the severe fault causes VOUTtoexceed
VDRNCL, the DRAIN pin is clamped at VDRNCL. IDRN flows
into the DRAIN pin and is multiplied by 8. This extra cur-
rent is added to the TIMER pull-up current of 200μA. This
accelerated TIMER current of (200μA + 8 • IDRN) produces
a shorter circuit breaker fault delay. Careful selection of
CT, RD and MOSFET helps prevent SOA damage in a low
impedance fault condition.
Soft-Start
If the SS pin is not connected, this pin defaults to a linear
voltage ramp, from 0V to 2.2V in about 300μs (0V to 1.4V
in about 200μs for the LTC4253A) at GATE start-up, as
shown in Figure 15a. If a soft-start capacitor, CSS, is con-
nected to this SS pin, the soft-start response is modified
from a linear ramp to an RC response (Equation 6), as
shown in Figure 15b. This feature allows load current to
slowly ramp-up at GATE start-up. Soft-start is initiated at
time point 3 by a TIMER transition from VTMRH to VTMRL
(time points 1 and 2), by the OV pin falling below the VOVLO
(VOV – VOVHST for the LTC4253A) threshold after an OV
condition or by the RESET pin falling < 0.8V after a Reset
condition. When the SS pin is below 0.2V, the analog cur-
rent limit amplifier keeps GATE low. Above 0.2V, GATE is
released and 50μA ramps up the compensation network
and GATE capacitance at time point 4. Meanwhile, the SS
pin voltage continues to ramp up. When GATE reaches
the MOSFET’s threshold, the MOSFET begins to conduct.
Due to the MOSFET’s high gm, the MOSFET current quickly
reaches the soft-start control value of VACL(t) (Equation 7).
At time point 6, the GATE voltage is controlled by the current
limit amplifier. The soft-start control voltage reaches the
circuit breaker voltage, VCB at time point 7 and the circuit
breaker TIMER activates. As the load capacitor nears full
charge, load current begins to decline below VACL(t). The
current limit loop shuts off and GATE releases at time
point 8. At time point 9, SENSE voltage falls below VCB
and TIMER deactivates.
Large values of CSS can cause premature circuit breaker
time-out as VACL(t)maymarginallyexceedtheVCBpotential
during the circuit breaker delay. The load capacitor is un-
able to achieve full charge in one GATE start-up cycle. A
more serious side effect of a large CSS value is that SOA
duration may be exceeded during soft-start into a low
impedance load. A soft-start voltage below VCB will not
activate the circuit breaker TIMER.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com