Electronic Components Datasheet Search
  English  ▼

X  

EBJ41HE4BDFP Datasheet(PDF) 6 Page - Elpida Memory

Part # EBJ41HE4BDFP
Description  4GB Registered DDR3 SDRAM DIMM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBJ41HE4BDFP Datasheet(HTML) 6 Page - Elpida Memory

Back Button EBJ41HE4BDFP Datasheet HTML 2Page - Elpida Memory EBJ41HE4BDFP Datasheet HTML 3Page - Elpida Memory EBJ41HE4BDFP Datasheet HTML 4Page - Elpida Memory EBJ41HE4BDFP Datasheet HTML 5Page - Elpida Memory EBJ41HE4BDFP Datasheet HTML 6Page - Elpida Memory EBJ41HE4BDFP Datasheet HTML 7Page - Elpida Memory EBJ41HE4BDFP Datasheet HTML 8Page - Elpida Memory EBJ41HE4BDFP Datasheet HTML 9Page - Elpida Memory EBJ41HE4BDFP Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
EBJ41HE4BDFD, EBJ41HE4BDFM, EBJ41HE4BDFP
Data Sheet E1580E30 (Ver. 3.0)
6
Serial PD Matrix
-AE
-DJ
Byte No.
Function described
Hex
Comments
Hex
Comments
0
Number of serial PD bytes written/SPD device
size/CRC coverage
92h
176/256/0-116
92h
176/256/0-116
1
SPD revision
10h
Rev.1.0
10h
Rev.1.0
2
Key byte/DRAM device type
0Bh
DDR3 SDRAM
0Bh
DDR3 SDRAM
3
Key byte/module type
01h
RDIMM
01h
RDIMM
4
SDRAM density and banks
02h
1G bits, 8 banks
02h
1G bits, 8 banks
5
SDRAM addressing
12h
14 rows, 11 columns
12h
14 rows, 11 columns
6
Module nominal voltage, VDD
00h
1.5V
00h
1.5V
7
Module organization
08h
2 ranks/
×4 bits
08h
2 ranks/
×4 bits
8
Module memory bus width
0Bh
72 bits/ECC
0Bh
72 bits/ECC
9
Fine timebase (FTB) dividend/divisor
52h
5/2
52h
5/2
10
Medium timebase (MTB) dividend
01h
1
01h
1
11
Medium timebase (MTB) divisor
08h
8
08h
8
12
SDRAM minimum cycle time (tCK (min.))
0Fh
1.875ns
0Ch
1.5ns
13
Reserved
00h
—
00h
—
14
SDRAM /CAS latencies supported, LSB
1Ch
6, 7, 8
3Ch
6, 7, 8, 9
15
SDRAM /CAS latencies supported, MSB
00h
—
00h
—
16
SDRAM minimum /CAS latencies time (tAA (min.))
69h
13.125ns
69h
13.125ns
17
SDRAM write recovery time (tWR)
78h
15ns
78h
15ns
18
SDRAM minimum /RAS to /CAS delay (tRCD)
69h
13.125ns
69h
13.125ns
19
SDRAM minimum row active to row active
delay (tRRD)
3Ch
7.5ns
30h
6.0ns
20
SDRAM minimum row precharge time (tRP)
69h
13.125ns
69h
13.125ns
21
SDRAM upper nibbles for tRAS and tRC
11h
—
11h
—
22
SDRAM minimum active to precharge time
(tRAS), LSB
2Ch
37.5ns
20h
36ns
23
SDRAM minimum active to active /auto-refresh time
(tRC), LSB
95h
50.625ns
89h
49.125ns
24
SDRAM minimum refresh recovery time delay
(tRFC), LSB
70h
110ns
70h
110ns
25
SDRAM minimum refresh recovery time delay
(tRFC), MSB
03h
110ns
03h
110ns
26
SDRAM minimum internal write to read
command delay (tWTR)
3Ch
7.5ns
3Ch
7.5ns
27
SDRAM minimum internal read to precharge
command delay (tRTP)
3Ch
7.5ns
3Ch
7.5ns
28
Upper nibble for tFAW
01h
37.5ns
00h
30ns
29
Minimum four activate window delay time (tFAW)
2Ch
37.5ns
F0h
30ns
30
SDRAM output drivers supported
83h
DLL-off, RZQ/6, 7
83h
DLL-off, RZQ/6, 7
31
SDRAM refresh options
81h
PASR/2X refresh at
+85ºC to +95ºC
81h
PASR/2X refresh at
+85ºC to +95ºC
32
Module thermal sensor
80h
Incorporated
80h
Incorporated
33
SDRAM device type
00h
Standard
00h
Standard
34 to 59
Reserved
00h
—
00h
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com