Electronic Components Datasheet Search
  English  ▼

X  

EBJ41HE4BDFP Datasheet(PDF) 8 Page - Elpida Memory

Part # EBJ41HE4BDFP
Description  4GB Registered DDR3 SDRAM DIMM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBJ41HE4BDFP Datasheet(HTML) 8 Page - Elpida Memory

Back Button EBJ41HE4BDFP Datasheet HTML 4Page - Elpida Memory EBJ41HE4BDFP Datasheet HTML 5Page - Elpida Memory EBJ41HE4BDFP Datasheet HTML 6Page - Elpida Memory EBJ41HE4BDFP Datasheet HTML 7Page - Elpida Memory EBJ41HE4BDFP Datasheet HTML 8Page - Elpida Memory EBJ41HE4BDFP Datasheet HTML 9Page - Elpida Memory EBJ41HE4BDFP Datasheet HTML 10Page - Elpida Memory EBJ41HE4BDFP Datasheet HTML 11Page - Elpida Memory EBJ41HE4BDFP Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
EBJ41HE4BDFD, EBJ41HE4BDFM, EBJ41HE4BDFP
Data Sheet E1580E30 (Ver. 3.0)
8
-AE
-DJ
Byte No.
Function described
Hex
Comments
Hex
Comments
128
Module part number
45h
E
45h
E
129
Module part number
42h
B
42h
B
130
Module part number
4Ah
J
4Ah
J
131
Module part number
34h
4
34h
4
132
Module part number
31h
1
31h
1
133
Module part number
48h
H
48h
H
134
Module part number
45h
E
45h
E
135
Module part number
34h
4
34h
4
136
Module part number
42h
B
42h
B
137
Module part number
44h
D
44h
D
138
Module part number
46h
F
46h
F
139
Module part number
(IDT)
44h
D
44h
D
(Montage)
4Dh
M
4Dh
M
(Inphi)
50h
P
50h
P
140
Module part number
2Dh
—
2Dh
—
141
Module part number
41h
A
44h
D
142
Module part number
45h
E
4Ah
J
143
Module part number
2Dh
—
2Dh
—
144
Module part number
46h
F
46h
F
145
Module part number
20h
(Space)
20h
(Space)
146
Module revision code
30h
Initial
30h
Initial
147
Module revision code
20h
(Space)
20h
(Space)
148
SDRAM manufacturer’s JEDEC ID code, LSB
02h
Elpida Memory
02h
Elpida Memory
149
SDRAM manufacturer’s JEDEC ID code, MSB
FEh
Elpida Memory
FEh
Elpida Memory
150 to 175 Manufacturer's specific data
176 to 255 Open for customer use
00h
—
00h
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com