Electronic Components Datasheet Search
  English  ▼

X  

EBJ41HE4BDFP Datasheet(PDF) 11 Page - Elpida Memory

Part # EBJ41HE4BDFP
Description  4GB Registered DDR3 SDRAM DIMM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBJ41HE4BDFP Datasheet(HTML) 11 Page - Elpida Memory

Back Button EBJ41HE4BDFP Datasheet HTML 7Page - Elpida Memory EBJ41HE4BDFP Datasheet HTML 8Page - Elpida Memory EBJ41HE4BDFP Datasheet HTML 9Page - Elpida Memory EBJ41HE4BDFP Datasheet HTML 10Page - Elpida Memory EBJ41HE4BDFP Datasheet HTML 11Page - Elpida Memory EBJ41HE4BDFP Datasheet HTML 12Page - Elpida Memory EBJ41HE4BDFP Datasheet HTML 13Page - Elpida Memory EBJ41HE4BDFP Datasheet HTML 14Page - Elpida Memory EBJ41HE4BDFP Datasheet HTML 15Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
EBJ41HE4BDFD, EBJ41HE4BDFM, EBJ41HE4BDFP
Data Sheet E1580E30 (Ver. 3.0)
11
Recommended DC Operating Conditions (TC = 0°C to +85°C)
Parameter
Symbol
min.
typ.
max.
Unit
Notes
Supply voltage
VDD, VDDQ
1.425
1.5
1.575
V
1, 2, 3
VSS
0
0
0
V
1
VDDSPD
3.0
3.3
3.6
V
Input reference voltage for
address, command inputs
VREFCA (DC)
0.49
× VDD
—
0.51
× VDD
V
1, 4, 5
Input reference voltage for
DQ, DM inputs
VREFDQ (DC)
0.49
× VDD
—
0.51
× VDD
V
1, 4, 5
Termination voltage
VTT (DC)
0.49
× VDD
—
0.51
× VDD
V
Notes: 1. DDR3 SDRAM component specification.
2. Under all conditions VDDQ must be less than or equal to VDD.
3. VDDQ tracks with VDD. AC parameters are measured with VDD and VDDQ tied together.
4. The AC peak noise on VREF may not allow VREF to deviate from VREF(DC) by more than
±1% VDD (for
reference: approx
±15 mV).
5. For reference: approx. VDD/2
±15 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com