Electronic Components Datasheet Search
  English  ▼

X  

SOT23 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SOT23
Description  SUGGESTED PAD LAYOUT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SOT23 Datasheet(HTML) 1 Page - Diodes Incorporated

  SOT23 Datasheet HTML 1Page - Diodes Incorporated SOT23 Datasheet HTML 2Page - Diodes Incorporated SOT23 Datasheet HTML 3Page - Diodes Incorporated SOT23 Datasheet HTML 4Page - Diodes Incorporated SOT23 Datasheet HTML 5Page - Diodes Incorporated SOT23 Datasheet HTML 6Page - Diodes Incorporated SOT23 Datasheet HTML 7Page - Diodes Incorporated SOT23 Datasheet HTML 8Page - Diodes Incorporated SOT23 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
ALL DIMENSIONS ARE NOMINAL VALUES SHOWN IN MILLIMETERS
Note: The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application.
These numbers may be modified based on user equipment capability or fabrication criteria. A more robust pattern may be desired for wave
soldering and is calculated by adding 0.2 mm to the ‘Z’ dimension. For further information, please reference document IPC-7351A, Naming
Convention for Standard SMT Land Patterns, and for International grid details, please see document IEC, Publication 97.
AP02001 Rev. 52
1 of 27
www.diodes.com
Suggested Pad Layout
© Diodes Incorporated
SUGGESTED PAD LAYOUT
Based on IPC-7351A
X1-DFN1006-2 / X2-DFN1006-2 / MiniMELF / MELF / SOD323 / SOD123 / SOD523 / SMA / SMB / SMC
Dimensions
X1-DFN1006-2 /
X2-DFN1006-2
MiniMELF
MELF
SOD123
SOD323
SOD523
SMA
SMB
SMC
Z
1.1
4.7
6.3
4.9
3.75
2.3
6.5
6.8
9.4
G
0.3
2.1
3.3
2.5
1.05
1.1
1.5
1.8
4.4
X
0.7
1.7
2.7
0.7
0.65
0.8
1.7
2.3
3.3
Y
0.4
1.3
1.5
1.2
1.35
0.6
2.5
2.5
2.5
C
0.7
3.5
4.8
3.7
2.40
1.7
4.0
4.3
6.8
X3-DFN0603-2
X2-DFN0806-3
Dimensions Value (in mm)
C
0.355
X
0.230
Y
0.300
Z
0.610
Dimensions
Value
(in mm)
C
0.350
X
0.200
X1
0.450
X2
0.550
Y
0.375
Y1
0.475
Y2
1.000
Z
X
C
G
Y
Z
Y (2x)
X (2x)
C
X1
X2
Y2
Y1
Y (2x)
X (2x)
C


Similar Part No. - SOT23

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SOT23 STMICROELECTRONICS-SOT23 Datasheet
60Kb / 7P
LOW VOLTAGE 4ohm SPDT SWITCH
Jun-2000
logo
Zetex Semiconductors
SOT23 ZETEX-SOT23 Datasheet
199Kb / 1P
Thermal Resistance and Derating Information
logo
Welwyn Components Limit...
SOT23 WELWYN-SOT23 Datasheet
86Kb / 2P
Surface Mount Divider Network
logo
Zetex Semiconductors
SOT23 ZETEX-SOT23 Datasheet
167Kb / 3P
Surface mounted, 3 pin package
logo
STMicroelectronics
SOT23 STMICROELECTRONICS-SOT23 Datasheet
16Kb / 1P
OUTLINE AND MECHANICAL DATA
Jan-1999
More results

Similar Description - SOT23

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP02001 DIODES-AP02001 Datasheet
174Kb / 12P
SUGGESTED PAD LAYOUT
AP02001 Rev. 38
AP02001 DIODES-AP02001_1 Datasheet
188Kb / 14P
SUGGESTED PAD LAYOUT
Rev 43
logo
All Sensors Corporation
CFFS ASC-CFFS Datasheet
275Kb / 1P
For suggested pad layout, see drawing: PAD-01
CPFR ASC-CPFR Datasheet
290Kb / 1P
For suggested pad layout, see drawing: PAD-01
EGBD ASC-EGBD Datasheet
42Kb / 1P
For suggested pad layout, see drawing: PAD-01
EGNL ASC-EGNL Datasheet
39Kb / 1P
For suggested pad layout, see drawing: PAD-01
P1NR ASC-P1NR Datasheet
228Kb / 1P
For suggested pad layout, see drawing: PAD-01
P2BS ASC-P2BS Datasheet
220Kb / 1P
For suggested pad layout, see drawing: PAD-01
P2NQ ASC-P2NQ Datasheet
207Kb / 1P
For suggested pad layout, see drawing: PAD-01
PTNQ ASC-PTNQ Datasheet
250Kb / 1P
For suggested pad layout, see drawing: PAD-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com