Electronic Components Datasheet Search
  English  ▼

X  

SOT23 Datasheet(PDF) 19 Page - Diodes Incorporated

Part # SOT23
Description  SUGGESTED PAD LAYOUT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SOT23 Datasheet(HTML) 19 Page - Diodes Incorporated

Back Button SOT23 Datasheet HTML 15Page - Diodes Incorporated SOT23 Datasheet HTML 16Page - Diodes Incorporated SOT23 Datasheet HTML 17Page - Diodes Incorporated SOT23 Datasheet HTML 18Page - Diodes Incorporated SOT23 Datasheet HTML 19Page - Diodes Incorporated SOT23 Datasheet HTML 20Page - Diodes Incorporated SOT23 Datasheet HTML 21Page - Diodes Incorporated SOT23 Datasheet HTML 22Page - Diodes Incorporated SOT23 Datasheet HTML 23Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
ALL DIMENSIONS ARE NOMINAL VALUES SHOWN IN MILLIMETERS
Note: The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application.
These numbers may be modified based on user equipment capability or fabrication criteria. A more robust pattern may be desired for wave
soldering and is calculated by adding 0.2 mm to the ‘Z’ dimension. For further information, please reference document IPC-7351A, Naming
Convention for Standard SMT Land Patterns, and for International grid details, please see document IEC, Publication 97.
AP02001 Rev. 52
19 of 27
www.diodes.com
Suggested Pad Layout
© Diodes Incorporated
SC74R / SOT26 / SOT363 / SOT563
SOT25 / SOT353 / SOT553
Dimensions
SC74R / SOT26
SOT363
SOT563
Z
3.20
2.5
2.2
G
1.60
1.3
1.2
X
0.55
0.42
0.375
Y
0.80
0.6
0.5
C1
2.40
1.9
1.7
C2
0.95
0.65
0.5
Dimensions
SOT25
SOT353
SOT553
Z
3.20
2.5
2.2
G
1.60
1.3
1.2
X
0.55
0.42
0.375
Y
0.80
0.6
0.5
C1
2.40
1.9
1.7
C2
0.95
0.65
0.5
SOT666
Dimensions
Value (in mm)
C
0.50
G
0.80
X
0.35
Y
0.50
SOT953
Dimensions
Value (in mm)
C
0.350
X
0.200
Y
0.200
Y1
1.100
X
Z
Y
C1
C2
C2
G
X
Z
Y
C1
C2
C2
G
X
(6x)
Y (6x)
C
G
Y1
Y (5X)
C
C
X (5X)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com